Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
40
The SE2 ‘enable’ bits are described in Table 14. Note that control fields must also be determined and
written to the WM8948 using WISCE™ or other tools. The registers described below only allow the
sub-blocks of SE2 to be enabled or disabled.
Note that it is not recommended to access these control fields unless appropriate values have been
written to the associated bits in registers R99 to R175.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R100 (64h)
SE2_RETUNE
_CONFIG
1
SE2_RETUNE_
R_ENA
0
SE2 Right channel ReTune™ filter
enable
0 = Disabled
1 = Enabled
0
SE2_RETUNE_
L_ENA
0
SE2 Left channel ReTune™ filter
enable
0 = Disabled
1 = Enabled
R133 (85h)
SE2_5BEQ_C
ONFIG
0
SE2_5BEQ_L_
ENA
0
SE2 Left channel 5-band EQ enable
0 = Disabled
1 = Enabled
Table 14 Signal Enhancement Block 2 (SE2)
The register controls for Signal Enhancement Block SE3 are defined in the “Dynamic Range Control
(DRC)” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com