Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 90Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 91Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 92Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 93Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 94Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 95Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 96Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 97Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 98Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
94
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9
TCH_Y_ENA
0
Enables Y-axis touch panel
measurements
0 = Disabled
1 = Enabled
8
TCH_X_ENA
0
Enables X-axis touch panel
measurements
0 = Disabled
1 = Enabled
7:5
TCH_DELAY
[2:0]
000
Settling time between X, Y and Z
measurements. (Nominal timing
only; typically +/-20% of quoted
values.)
000 = 30us
001 = 60us
010 = 120us
011 = 240us
100 = 480us
101 = 960us
110 = 1920us
111 = 3840us
4:0
TCH_RATE [4:0]
0_0000
Touch Panel Rate
0_0000 = Manual conversion
0_0001 = 16kHz
0_0010 = 32kHz
…(16kHz steps)
1_1111 = 496kHz
R56 (38h)
Touch Control
2
11
TCH_PDONLY
0
Select Automatic conversions only
when Pen Down is detected. (No
effect on Manual conversion.)
0 = Normal
1 = Pen-Down only
8
TCH_ISEL
0
Pressure measurement current
select
0 = 230uA
1 = 460uA
3:0
TCH_RPU [3:0]
0111
Pen-Down sensitivity (pull-up
resistor)
0000 = 64k (most sensitive)
0001 = 64k / 2
0010 = 64k / 3
0011 = 64k / 4
….
1111 = 64k / 16 (least sensitive)
Table 60 Touch Panel Control
TOUCH PANEL READBACK
Measured data from the Touch Panel controller is read via the Touch Data registers. The X-axis, Y-
axis and Z-axis (pressure) measurements are provided in the TCH_X, TCH_Y and TCH_Z registers
respectively. The TCH_PD1, TCH_PD2 and TCH_PD3 bits indicate whether the Pen Down status
was asserted when the measurement set was made.
To read a set of Touch Panel measurements, the host processor must access each of the applicable
Touch Data registers. When the host processor starts to read these registers, the WM8948 will
inhibit any new touch panel measurements until the host processor has read all of the applicable
registers. This ensures that the data read by the host processor all relates to the same set of
measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com