Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 100 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 100 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 96Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 97Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 98Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 99Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 100Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 101Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 102Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 103Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 104Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
100
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10
GP4_POL
0
GPIO4 Polarity Select
0 = Non-inverted
1 = Inverted
5
GP4_LVL
0
GPIO4 level. Write to this bit to set
a GPIO output. Read from this bit to
read GPIO input level.
When GP4_POL is set, the register
contains the opposite logic level to
the external pin.
3:0
GP4_FN [3:0]
0000
GPIO4 Pin Function
(see Table 64 for details)
Table 63 GPIO Control
GPIO FUNCTION SELECT
The available GPIO functions are described in Table 64. The function of each GPIO is set using the
GPn_FN register, where n identifies the GPIO pin (1 to 4).
Note that the polarity of the GPIO inputs and outputs may be selected using the GPn_POL register
bits. When GPn_POL = 1, then the polarity is inverted with respect to the descriptions below.
The GPIO input functions may be used to detect headphone jack insertion or a button press. These
signals may be used as inputs to the Interrupt Controller, via the integrated de-bounce circuit.
GPn_FN
DESCRIPTION
COMMENTS
0000
Logic level input
External logic level is read from GPn_LVL.
Associated interrupt (when enabled) is level-triggered.
0001
Edge detection input
External logic level is read from GPn_LVL.
Associated interrupt (when enabled) is edge
triggered. Note that TOCLK_ENA must be set.
0010
CLKOUT output
Output clock frequency is set by CLKOUT_DIV.
0011
Interrupt (IRQ) output
Hardware output of all unmasked Interrupts.
0100
Pen Down output
Indicates Touch Panel Pen Down detection.
This flag is asserted whenever the Pen is in contact
with the Touch Panel.
0101
Touch Panel
measurement complete
Indicates a set of Touch Panel measurements has
been completed.
This function provides a pulse when new Touch
Panel measurement data is ready. The pulse duration
is approximately 1.95
μs.
0110
Auxiliary ADC
measurement complete
Indicates a new Auxiliary ADC measurement has
been completed.
This function provides a pulse when new AUXADC
measurement data is ready. The pulse duration is
approximately 1.95
μs.
0111
Temperature flag output
Indicates the temperature sensor output. This is a
hardware output of the TEMP_STS bit (assuming
GPn_POL = 0).
0 = Normal
1 = Overtemperature
1000
Reserved
1001
DMICCLK output
Output clock for digital microphone interface
1010
Logic level output
Pin logic level is set by GPn_LVL.
1011
LDO_UV output
Indicates the LDO undervoltage status. This is a
hardware output of the LDO_UV_STS bit (assuming
GPn_POL = 0).
0 = Normal
1 = LDO undervoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com