Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
23
DEVICE DESCRIPTION
INTRODUCTION
The WM8948 is a highly integrated low power hi-fi CODEC designed for portable devices such as
digital still cameras and multimedia phones. Flexible analogue interfaces and powerful digital signal
processing (DSP) in a 2.96 x 3.06mm footprint make it ideal for small portable devices.
The WM8948 supports up to 6 analogue audio inputs. One pair of single-ended or pseudo differential
microphone / line inputs is selected as the ADC input source. The two auxiliary inputs can be
selected as line inputs to the ADC, or as direct signal paths to the output mixers. An integrated bias
reference is provided to power standard electret microphones. A two-channel digital microphone
interface is also supported, with direct input to the DSP core via the ADCs.
The stereo hi-fi ADCs and DACs operate at sample rates from 8kHz up to 48kHz. A high pass filter is
available in the ADC path for removing DC offsets and suppressing low frequency noise such as
mechanical vibration and wind noise. A digital tone (‘beep’) generator allows audio tones to be
injected into the DAC output path.
The WM8948 provides a powerful DSP capability for configurable filtering and processing of the
digital audio paths. The DSP provides low-pass / high-pass filtering, 3D stereo enhancement, notch
filters, 5-band EQ, dynamic range control and a programmable DF1 digital filter. The tuned notch
filters allow narrow frequency bands to be attenuated, to provide filtering of motor noise or other
unwanted sounds; the 5-band EQ allows the signal to be adjusted for user-preferences. The dynamic
range control provides a range of compression, limiting and noise gate functions to support optimum
configuration for recording or playback modes. The DF1 filter allows user-specified algorithms to be
implemented in the digital signal chain.
The Wolfson ReTune™ feature is a highly-configurable DSP algorithm which can be tailored to
cancel or compensate for imperfect characteristics of the housing, loudspeaker or microphone
components in the target application. The ReTune™ algorithm coefficients and register contents are
calculated using Wolfson’s WISCE™ software; lab bench tests and audio reference measurements
must be performed in order to determine the optimum settings.
The digital signal routing between the ADCs, DACs and I2S digital audio interface can be configured
in different ways according to the application requirements. The DSP functions may be applied to the
ADC record path, or the DAC playback path.
Four analogue output mixers are provided, connected to 4 analogue output pins. Twin stereo outputs
or stereo line and mono BTL headphone/speaker may be connected to these outputs.
The WM8948 incorporates an LDO regulator for compatibility with a wide range of supply rails; the
internal LDO can also reduce any interference resulting from a noisy supply rail. The LDO regulator
can also be used to provide a regulated supply voltage to other circuits.
I2C or SPI control interface modes for read/write access to the register map. A single external clock
provides timing reference for all the digital functions; an integrated Frequency Locked Loop (FLL)
also provides flexibility to perform frequency conversions and to remove noise/jitter from the external
clock. The FLL can be configured for reduced power consumption, or for different filtering
requirements of the reference source.
Additional functions include a 4-wire controller for interface to standard resistive touch panels, a 12-
bit auxiliary ADC for DC measurement / battery monitoring, and also a current-mode video buffer
providing excellent video signal reproduction at low operating voltages. Up to 4 GPIO pins may be
configured for miscellaneous input/output, or for status indications from the Touch panel, AUXADC or
temperature monitoring functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com