Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 64Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 65Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 66Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 67Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 68Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 69Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 70Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 71Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
68
The VMID soft-start and fast start register controls are defined in Table 41.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Additional
control
11
VMID_FAST_
START
0
VMID (fast-start) Enable
0 = Disabled
1 = Enabled
8
STARTUP_BIAS_
ENA
0
Start-Up Bias Enable
0 = Disabled
1 = Enabled
7
BIAS_SRC
0
Bias Source select
0 = Normal bias
1 = Start-Up bias
6:5
VMID_RAMP [1:0]
00
VMID soft start enable / slew rate
control
00 = Disabled
01 = Fast soft start
10 = Normal soft start
11 = Slow soft start
Table 41 Soft Start Control
POP SUPPRESSION CONTROL
The WM8948 incorporates a number of features which are designed to suppress pops normally
associated with Start-Up, Shut-Down or signal path control. These include the option to maintain an
analogue output to VMID even when the output driver is disabled. In addition, there is the ability to
actively discharge an output to GND.
Note that, to achieve maximum benefit from these features, careful attention may be required to the
sequence and timing of these controls.
DISABLED OUTPUT CONTROL
The line outputs and speaker outputs are biased to VMID in normal operation. In order to avoid
audible pops caused by a disabled signal path dropping to GND, the WM8948 can maintain these
connections at VMID when the relevant output stage is disabled. This is achieved by connecting a
buffered VMID reference to the output.
The buffered VMID reference is enabled by setting VMID_BUF_ENA. This is applied to any disabled
outputs, provided that the respective _VMID_OP_ENA bit is also set. The output resistance can be
either 1k
Ω or 20kΩ, depending on the respective _VROI register bit.
The disabled output control bits are described in Table 42. See “Output Signal Path” for details of
how to disable any of the audio outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com