Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 92 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 92 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 88Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 89Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 90Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 91Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 92Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 93Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 94Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 95Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 96Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
92
AUXADC READBACK
Measured data from the AUXADC is read via the AuxADC Data Register (R60), which contains two
fields. The AUXADC Data Source is indicated in the AUX_DATA_SRC field; the associated
measurement data is contained in the AUX_DATA field.
Reading from the AuxADC Data Register returns a 12-bit code which represents the most recent
AUXADC measurement on the associated channel. It should be noted that every time an AUXADC
measurement is written to the AuxADC Data Register, the previous data is overwritten - the host
processor should ensure that data is read from this register before it is overwritten.
The 12-bit AUX_DATA field can be equated to the actual voltage by scaling according to the
applicable reference source. The full-scale value of AUX_DATA corresponds to the LDOVDD voltage
level.
The AUXADC interrupts can be used to indicate when new data is available - see “Interrupts”. A
GPIO pin configured as “AUX_DONE” can also be used to indicate when new data is available - see
“General Purpose Input / Output”.
In a typical application, it is anticipated that the AUXADC Interrupt or GPIO flag would be used to
control the AUXADC readback - the host processor should read the AUXADC Data Register in
response to the AUXADC event. In Automatic AUXADC mode, the processor should complete this
action before the next measurement occurs, in order to avoid losing any AUXADC samples. In
Manual conversion mode, the interrupt signal provides confirmation that the commanded
measurement has been completed.
The control fields associated with AUXADC readback are defined in Table 59.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R60 (3Ch)
Aux ADC Data
13:12
AUX_DATA_
SRC [1:0]
00
AUXADC Data Source
00 = No measurement
01 = AUX1
10 = AUX2
11 = SPKVDD
11:0
AUX_DATA
[11:0]
000h
AUXADC data
(12 bit unsigned data)
Table 59 AUXADC Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com