Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 75Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 76Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 77Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 78Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 79Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 80Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 81Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 82Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
79
SYSCLK may be derived either from MCLK or from the FLL; this is selected using the SYSCLK_SRC
register bit. SYSCLK is enabled using the SYSCLK_ENA and may be modified using a
programmable divider configured by SYSCLK_DIV. It is important that SYSCLK_DIV is correctly set
in order to produce 512 x fs at its output, where fs is the audio sampling rate.
The sampling rate for the CODEC and Digital Audio Interface is configured using the SR register
field. In Master mode, the frequency of the Left/Right Clock output on the LRCLK pin is the BCLK
frequency divided by 64 producing 32 BCLK cycles per channel. In Master mode, the BCLK_DIV
register configures the bit clock frequency output on BCLK.
The WM8948 can output a configurable clock on the GPIO pins; this is enabled automatically
whenever a GPIO pin is configured for CLKOUT output. The source can either be before or after the
SYSCLK divider, as shown in Figure 32. The source is selected using CLKOUT_SEL, and may be
modified using a programmable divider configured by CLKOUT_DIV.
The WM8948 free-running oscillator required for AUXADC, Touch Panel, GPIO input de-bounced
and Interrupt functions must be enabled using OSC_CLK_ENA whenever any of these functions is
required.
The zero-cross facility on input and output PGAs requires a timeout clock. This is enabled using the
TOCLK_ENA bit. The oscillator must also be enabled using OSC_CLK_ENA.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
Clock Gen
control
15
OSC_CLK_ENA
0
Oscillator Enable
0 = Disabled
1 = Enabled
This needs to be set when doing
AUXADC measurements, or when a
timeout clock is required for PGA
zero cross or GPIO input detection
14:13
MCLK_PULL
[1:0]
00
MCLK pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
12
CLKOUT_SEL
0
CLKOUT Source Select
0 = SYSCLK
1 = FLL or MCLK (set by
SYSCLK_SRC register)
11:10
CLKOUT_DIV
[1:0]
00
CLKOUT Clock divider
00 = divide by 1
01 = divide by 2
10 = divide by 4
11 = divide by 8
9
SYSCLK_ENA
0
SYSCLK Enable
0 = Disabled
1 = Enabled
8
SYSCLK_SRC
0
SYSCLK Source Select
0 = MCLK
1 = FLL output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com