Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 62Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 63Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 64Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
61
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:0
SPKR_VOL
11_1001
(0dB)
Right Speaker PGA Volume
00_0000 = -57dB gain
00_0001 = -56dB
…
11_1001 = 0dB
...
11_1111 = +6dB
(See Table 35 for volume range)
Table 34 Speaker PGA Volume Control
PGA GAIN SETTING
VOLUME (dB)
PGA GAIN SETTING
VOLUME (dB)
00h
-57
20h
-25
01h
-56
21h
-24
02h
-55
22h
-23
03h
-54
23h
-22
04h
-53
24h
-21
05h
-52
25h
-20
06h
-51
26h
-19
07h
-50
27h
-18
08h
-49
28h
-17
09h
-48
29h
-16
0Ah
-47
2Ah
-15
0Bh
-46
2Bh
-14
0Ch
-45
2Ch
-13
0Dh
-44
2Dh
-12
0Eh
-43
2Eh
-11
0Fh
-42
2Fh
-10
10h
-41
30h
-9
11h
-40
31h
-8
12h
-39
32h
-7
13h
-38
33h
-6
14h
-37
34h
-5
15h
-36
35h
-4
16h
-35
36h
-3
17h
-34
37h
-2
18h
-33
38h
-1
19h
-32
39h
0
1Ah
-31
3Ah
+1
1Bh
-30
3Bh
+2
1Ch
-29
3Ch
+3
1Dh
-28
3Dh
+4
1Eh
-27
3Eh
+5
1Fh
-26
3Fh
+6
Table 35 Speaker PGA Volume Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com