Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 46Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 47Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 48Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 49Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 50Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 51Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 52Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
49
A digital soft-mute feature is provided in order to avoid sudden glitches in the analogue signal. When
DAC_VOL_RAMP is enabled, then all mute, un-mute or volume change commands are implemented
as a gradual volume change in the digital domain. The rate at which the volume ramps up is half of
the sample freq (fs/2). The DAC_VOL_RAMP register field is described in Table 24.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21 (15h)
DAC Control 1
8
DAC_MUTEALL
1
DAC Digital Mute for All Channels:
0 = Disable Mute
1 = Enable Mute on all channels
R22 (16h)
DAC Control 2
4
DAC_VOL_RAMP
1
DAC Volume Ramp control
0 = Disabled
1 = Enabled
R23 (17h)
Left DAC
Digital Vol
12
DAC_VU
0
DAC Volume Update
Writing a 1 to this bit will cause
Left and Right DAC volume to be
updated simultaneously
8
DACL_MUTE
0
Left DAC Digital Mute
0 = Disable Mute
1 = Enable Mute
7:0
DACL_VOL [7:0]
1100_0000
(0dB)
Left DAC Digital Volume
0000_0000 = mute
0000_0001 = -71.625dB
0000_0010 = -71.250dB
…
1100_0000 = 0dB
...
1111_1111 = +23.625dB
(See Table 25 for volume range)
R24 (18h)
Right DAC
Digital Vol
12
DAC_VU
0
DAC Volume Update
Writing a 1 to this bit will cause
Left and Right DAC volume to be
updated simultaneously
8
DACR_MUTE
0
Right DAC Digital Mute
0 = Disable Mute
1 = Enable Mute
7:0
DACR_VOL [7:0]
1100_0000
(0dB)
Right DAC volume control
0000_0000 = mute
0000_0001 = -71.625dB
0000_0010 = -71.250dB
…
1100_0000 = 0dB
...
1111_1111 = +23.625dB
(See Table 25 for volume range)
Table 24 DAC Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com