Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 93 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 93 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 89Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 90Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 91Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 92Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 93Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 94Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 95Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 96Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 97Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
93
TOUCH PANEL CONTROLLER
The WM8948 incorporates a Touch Panel controller interface, for use with standard 4-wire Touch
Panels. The controller supports X, Y co-ordinate measurement, Pen Down detection and Touch
Pressure (Z-axis) measurement.
The Touch Panel controller provides high resolution digitiser measurements, using the same 12-bit
AUXADC as described earlier (see “Auxiliary ADC”). Touch Panel conversion requests are
interleaved with AUXADC measurement requests.
Touch Panel Interrupts can be generated on completion of a set of measurements, or on Pen Down
detection. Read access to the Touch Panel measurement data is controlled in order to ensure the
host always reads a complete set of data, and does not read mixed data that relates to separate
measurement events.
An overview of Touch Panel operating principles is provided at the end of this section.
TOUCH PANEL CONTROL
The Touch Panel is enabled by setting the TCH_ENA register bit.
The Touch Panel measurements can be initiated manually or automatically. For automatic operation,
the TCH_RATE register is set according to the required conversion rate, and measurements are
enabled by setting the TCH_CVT_ENA bit. For manual operation, the TCH_RATE register is set to
00h, and a set of measurements is initiated by setting the TCH_CVT_ENA bit. In manual mode, the
TCH_CVT_ENA bit is reset by the WM8948 after each conversion request.
The Touch Panel ‘Pen Down’ detection can be used to control measurements in automatic mode.
When TCH_PDONLY is set, then automatic conversions will only be scheduled when ‘Pen Down’ is
detected. Note that manual conversion commands are not affected by TCH_PDONLY.
For each Touch Panel measurement event (in Manual or Automatic modes), the WM8948 performs a
set of measurements encompassing all enabled input sources; the X-axis, Y-axis and Z-axis
measurements are enabled using the TCH_X_ENA, TCH_Y_ENA and TCH_Z_ENA register bits
respectively. To allow settling time between consecutive measurements, a programmable delay is
applied between the X, Y and Z-axis measurements; this is set using the TCH_DELAY field.
Pressure measurement uses a constant current source to measure the resistance between the top
and bottom sheets of the touch panel. The current is selectable using TCH_ISEL, to suit different
types of touch panel.
Pen Down detection sensitivity can be controlled using TCH_RPU. Decreasing the resistance makes
the touch panel less sensitive; increasing the resistance makes the touch panel more sensitive.
The control fields associated with initiating Touch Panel measurements are defined in Table 60.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R55 (37h)
Touch Control
1
15
TCH_ENA
0
Touch Panel Enable
0 = Disabled
1 = Enabled
14
TCH_CVT_ENA
0
Touch Panel Conversion Enable
0 = Disabled
1 = Enabled
In automatic mode, conversions are
enabled by setting this bit.
In manual mode (TCH_RATE = 0),
setting this bit will initiate a set of
conversion; the bit is reset
automatically.
10
TCH_Z_ENA
0
Enables Z-axis touch panel
measurements.
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com