Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 78 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 78 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 74Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 75Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 76Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 77Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 78Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 79Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 80Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 81Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 82Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
78
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
Audio
interface
15:14
DACDATA_
PULL [1:0]
00
DACDAT pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
13:12
FRAME_PULL
[1:0]
00
LRCLK pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
11:10
BCLK_PULL
[1:0]
00
BCLK pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
Table 49 Pull-Up and Pull-Down Control
CLOCKING AND SAMPLE RATES
The internal clocks for the CODEC and Digital Audio Interface are derived from a common internal
clock source, SYSCLK. This clock can either be derived directly from MCLK, or may be generated
using the Frequency Locked Loop (FLL) using MCLK as a reference. All commonly-used audio
sample rates can be derived directly from typical MCLK frequencies; the FLL provides additional
flexibility for a wider range of MCLK frequencies.
The WM8948 supports a wide range of standard audio sample rates from 8kHz to 48kHz. When the
ADC and DAC are both enabled, they operate at the same sample rate, fs.
Other functions such as the AUXADC, Touch Panel controller, Interrupts, GPIO input de-bounce and
PGA zero-cross timeouts are clocked using a free-running oscillator.
The control registers associated with Clocking and Sample Rates are described in Table 50.
The overall clocking scheme for the WM8948 is illustrated in Figure 32.
Figure 32 WM8948 Clocking Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com