Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 46Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 47Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 48Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
45
GAIN READBACK
The gain applied by the DRC can be read from the DRC_GAIN register. This is a 16-bit, fixed-point
value, which expresses the DRC gain as a voltage multiplier.
DRC_GAIN is coded as a fixed-point quantity, with an MSB weighting of 64. The first 7 bits represent
the integer portion; the remaining bits represent the fractional portion. If desired, the value of this field
may be interpreted by treating DRC_GAIN as an integer value, and dividing the result by 512, as
illustrated in the following examples:
DRC_GAIN = 05D4 (hex) = 1380 (decimal)
Divide by 512 gives 2.914 voltage gain, or 4.645dB
DRC_GAIN = 0100 (hex) = 256 (decimal)
Divide by 512 gives 0.5 voltage gain, or -3.01dB
The DRC_GAIN register is defined in Table 19.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R36 (24h)
DRC Status
15:0
DRC_GAIN
[15:0]
DRC Gain value.
This is the DRC gain, expressed as
a voltage multiplier. Fixed point
coding, MSB = 64.
The first 7 bits are the integer
portion; the remaining bits are the
fractional part.
Table 19 DRC Gain Readback
DYNAMIC CHARACTERISTICS
The dynamic behaviour determines how quickly the DRC responds to changing signal levels. Note
that the DRC responds to the peak signal amplitude over a period of time.
The DRC_ATK determines how quickly the DRC gain decreases when the signal amplitude is high.
The DRC_DCY determines how quickly the DRC gain increases when the signal amplitude is low.
These register fields are described in Table 20.
Note that the register defaults are suitable for general purpose microphone use.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R31 (1Fh)
DRC Control 3
7:4
DRC_ATK [3:0]
0100
Attack rate relative to input signal
(seconds/6dB)
0000 = Reserved
0001 = 181us
0010 = 363us
0011 = 726us
0100 = 1.45ms
0101 = 2.9ms
0110 = 5.8ms
0111 = 11.6ms
1000 = 23.2ms
1001 = 46.4ms
1010 = 92.8ms
1011 = 185.6ms
1100-1111 = Reserved
3:0
DRC_DCY [3:0]
0010
Decay rate relative to input signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com