Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
29
DIGITAL MICROPHONE INTERFACE
The WM8948 supports a two-channel digital microphone interface. The two-channel audio data is
multiplexed on the IN1L input pin and clocked using a GPIO output. The analogue signal path from
the IN1L pin must be disabled when using the digital microphone interface; this is achieved by
disabling the associated input PGA, (ie. INPPGAL_ENA= 0).
The Digital Microphone Input, DMICDAT, is provided on the IN1L/DMICDAT pin. The associated
clock, DMICCLK, is provided on a GPIO pin.
The Digital Microphone Input is selected as input by setting the DMIC_ENA bit. When the Digital
Microphone Input is selected, the ADC input is deselected.
The digital microphone interface configuration is illustrated in Figure 11.
Note that the digital microphone may be powered from MICBIAS or from LDOVOUT; care must be
taken to ensure that the respective digital logic levels of the microphone are compatible with the
digital input thresholds of the WM8948. The digital input thresholds are referenced to DBVDD, as
defined in “Electrical Characteristics”.
Figure 11 Digital Microphone Interface
When any GPIO pin is configured as DMICCLK output, the WM8948 outputs a clock which supports
Digital Mic operation at the ADC sampling rate. The ADC and Record Path filters must be enabled
and the ADC sampling rate must be set in order to ensure correct operation of all DSP functions
associated with the digital microphone. Volume control for the Digital Microphone Interface signals is
provided using the ADC Volume Control.
See “Analogue-to-Digital Converter (ADC)” for details of the ADC Enable and volume control
functions. See “General Purpose Input / Output” for details of configuring the DMICCLK output. See
“Clocking and Sample Rates” for the details of the sample rate control.
When the DMIC_ENA bit is set, then the IN1L pin is used as the digital microphone input DMICDAT.
Up to two microphones can share this pin; the two microphones are interleaved as illustrated in
Figure 12.
The digital microphone interface requires that MIC1 (Left Channel) transmits a data bit each time that
DMICCLK is high, and MIC2 (Right Channel) transmits when DMICCLK is low. The WM8948
samples the digital microphone data in the middle of each DMICCLK clock phase. Each microphone
must tri-state its data output when the other microphone is transmitting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com