Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
18
SIGNAL TIMING REQUIREMENTS
SYSTEM CLOCK TIMING
MCLK
tMCLKL
tMCLKH
tMCLKY
Figure 2 Master Clock Timing
Test Conditions
DCVDD = 1.8V, DBVDD = LDOVDD = SPKVDD = 3.3V, LDOVOUT = 3.0V, GND = 0V, TA = +25
oC.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Master Clock Timing
MCLK cycle time
TMCLKY
0.037
μs
s
MCLK duty cycle
(= TMCLKH : TMCLKL)
60:40
40:60
AUDIO INTERFACE TIMING
MASTER MODE
Figure 3 Audio Interface Timing - Master Mode
Test Conditions
DCVDD = 1.8V, DBVDD = LDOVDD = SPKVDD = 3.3V, LDOVOUT = 3.0V, GND = 0V,
TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Interface Timing - Master Mode
LRCLK propagation delay from BCLK falling edge
tDL
20
ns
ADCDAT propagation delay from BCLK falling edge
tDDA
20
ns
DACDAT setup time to BCLK rising edge
tDST
20
ns
DACDAT hold time from BCLK rising edge
tDHT
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com