Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 123 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 123 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 119Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 120Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 121Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 122Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 123Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 124Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 125Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 126Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 127Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
123
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
00 = VMID disabled (for OFF mode)
01 = 2 x 50k divider (for normal operation)
10 = 2 x 250k divider (for low power standby)
11 = 2 x 5k divider (for fast start-up)
Register 02h Power management 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R3 (03h)
Power
management
2
15
OUTR_ENA
0
LINEOUTR enable
0 = Disabled
1 = Enabled
14
OUTL_ENA
0
LINEOUTL enable
0 = Disabled
1 = Enabled
13
SPKR_PGA_E
NA
0
Speaker Right PGA enable
0 = Disabled
1 = Enabled
12
SPKL_PGA_E
NA
0
Speaker Left PGA enable
0 = Disabled
1 = Enabled
11
SPKR_SPKVD
D_ENA
0
SPKOUTR enable
0 = Disabled
1 = Enabled
Note that SPKOUTR is also controlled by
SPKR_OP_ENA. When powering down SPKOUTR, the
SPKR_SPKVDD_ENA bit should be reset first.
10
SPKL_SPKVD
D_ENA
0
SPKOUTL enable
0 = Disabled
1 = Enabled
Note that SPKOUTL is also controlled by
SPKL_OP_ENA. When powering down SPKOUTL, the
SPKL_SPKVDD_ENA bit should be reset first
9
SPKR_OP_MU
TE
1
SPKOUTR Output Mute
0 = Disable Mute
1 = Enable Mute
8
SPKL_OP_MU
TE
1
SPKOUTL Output Mute
0 = Disable Mute
1 = Enable Mute
7
SPKR_OP_EN
A
0
SPKOUTR enable
0 = Disabled
1 = Enabled
Note that SPKOUTR is also controlled by
SPKR_SPKVDD_ENA. When powering up SPKOUTR,
the SPKR_OP_ENA bit should be enabled first.
6
SPKL_OP_EN
A
0
SPKOUTL enable
0 = Disabled
1 = Enabled
Note that SPKOUTL is also controlled by
SPKL_SPKVDD_ENA. When powering up SPKOUTL,
the SPKL_OP_ENA bit should be enabled first
5
SPKR_MIX_M
UTE
1
Right Speaker PGA Mixer Mute
0 = Disable Mute
1 = Enable Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com