Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 155 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 155 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 151Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 152Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 153Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 154Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 155Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 156Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 157Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 158Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 159Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
155
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R60 (3Ch)
AuxADC
Data
13:12
AUX_DATA_S
RC[1:0]
00
AUXADC Data Source
00 = No measurement
01 = AUX1
10 = AUX2
11 = SPKVDD
11:0
AUX_DATA
[11:0]
0000_0000
_0000
AUXADC data
(12 bit unsigned data)
Register 3Ch AuxADC Data
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R61 (3Dh)
AuxADC
Control
15
AUX_ENA
0
AUXADC Enable
0 = Disabled
1 = Enabled
14
AUX_CVT_EN
A
0
AUXADC Conversion Enable
0 = Disabled
1 = Enabled
In automatic mode, conversions are enabled by setting
this bit.
In manual mode (AUX_RATE = 0), setting this bit will
initiate a conversion; the bit is reset automatically.
4:0
AUX_RATE
[4:0]
0_0000
AUXADC Conversion Rate
0_0000 = Manual conversion
0_0001 = 16Hz
0_0010 = 32Hz
…(16Hz steps)
1_1111 = 496Hz
Register 3Dh AuxADC Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R62 (3Eh)
AuxADC
Source
8
AUX_BATT_S
EL
0
AUXADC Battery (SPKVDD) input select
0 = Disable Battery (SPKVDD) measurement
1 = Enable Battery (SPKVDD) measurement
1
AUX_AUX2_S
EL
0
AUXADC AUX2 input select
0 = Disable AUX2 measurement
1 = Enable AUX2 measurement
0
AUX_AUX1_S
EL
0
AUXADC AUX1 input select
0 = Disable AUX1 measurement
1 = Enable AUX1 measurement
Register 3Eh AuxADC Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com