Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 163 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 163 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 159Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 160Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 161Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 162Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 163Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 164Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 165Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 166Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 167Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
163
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R95 (5Fh)
SE1_DF1_L
2
15:0
SE1_DF1_L2
[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1) left
channel DF1 filter
Register 5Fh SE1_DF1_L2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R96 (60h)
SE1_DF1_R
0
15:0
SE1_DF1_R0
[15:0]
0001_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1) right
channel DF1 filter
Register 60h SE1_DF1_R0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R97 (61h)
SE1_DF1_R
1
15:0
SE1_DF1_R1
[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1) right
channel DF1 filter
Register 61h SE1_DF1_R1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R98 (62h)
SE1_DF1_R
2
15:0
SE1_DF1_R2
[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1) right
channel DF1 filter
Register 62h SE1_DF1_R2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R100 (64h)
SE2_RETU
NE_CONFI
G
1
SE2_RETUNE
_R_ENA
0
SE2 Right channel ReTune™ filter enable
0 = Disabled
1 = Enabled
0
SE2_RETUNE
_L_ENA
0
SE2 Left channel ReTune™ filter enable
0 = Disabled
1 = Enabled
Register 64h SE2_RETUNE_CONFIG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R101 (65h)
SE2_RETU
NE_C0
15:0
SE2_RETUNE
_C0[15:0]
0001_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 65h SE2_RETUNE_C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com