Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 13 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 13 Page - ams AG

Back Button AS3502 Datasheet HTML 9Page - ams AG AS3502 Datasheet HTML 10Page - ams AG AS3502 Datasheet HTML 11Page - ams AG AS3502 Datasheet HTML 12Page - ams AG AS3502 Datasheet HTML 13Page - ams AG AS3502 Datasheet HTML 14Page - ams AG AS3502 Datasheet HTML 15Page - ams AG AS3502 Datasheet HTML 16Page - ams AG AS3502 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
REV. M
Page 13
September 1998
AS3502
4) TRANSMIT DIGITAL GAIN REGISTER
This register contains the 8 bit coefficient for digital transmit gain setting.
DGX
D7
D6
D5
D4
D3
D2
D1
D0
Name
DGX7
DGX6
DGX5
DGX4
DGX3
DGX2
DGX1
DGX0
Default
0
1
1
0
1
1
0
1
Bit No
Symbol
Name and Description
D7-D0
DGX7-
DGX0
Transmit Digital Gain Setting (DGX). An 8-bit coefficient written into this register allows
to trim the gain from -38 dB to +10 dB. The coefficient in decimal format for a given
gain is calculated as:
X
= 77 × 10
(
DGX
20
)
Coefficient
Transmit Gain
Coefficient
Transmit Gain
154
+6 dB
27
-9 dB
137
+5 dB
19
-12 dB
123
+4 dB
13
-15 dB
109
+3 dB (Default Value)
10
-18 dB
97
+2 dB
7
-21 dB
87
+1 dB
5
-24 dB
77
0 dB
3
-28 dB
55
- 3 dB
2
-32 dB
39
- 6 dB
1
-38 dB
5) SIDETONE GAIN REGISTER
This register contains an 8 bit coeficient for a digital sidetone. The sidetone may be disabled by writing 00h into
this register.
SG
D7
D6
D5
D4
D3
D2
D1
D0
Name
SG7
SG6
SG5
SG4
SG3
SG2
SG1
SG0
Default
0
0
1
0
0
0
0
0
Bit No
Symbol
Name and Description
D7-D0
SG7-SG0
Digital Sidetone Attenuation Control. An 8-bit coefficient written into this register allows
to control the sidetone attenuation in the receive channel. The sidetone attenuation
range is 0 dB to -48dB. The coefficient in decimal format for a given attenuaton is
calculated as:
X
= 256 × 10
(
SG
20
)
The sidetone default coefficient is 32 which corresponds to an attenuation of -18 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com