Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 19 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 19 Page - ams AG

Back Button AS3502 Datasheet HTML 15Page - ams AG AS3502 Datasheet HTML 16Page - ams AG AS3502 Datasheet HTML 17Page - ams AG AS3502 Datasheet HTML 18Page - ams AG AS3502 Datasheet HTML 19Page - ams AG AS3502 Datasheet HTML 20Page - ams AG AS3502 Datasheet HTML 21Page - ams AG AS3502 Datasheet HTML 22Page - ams AG AS3502 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
REV. M
Page 19
September 1998
AS3502
14) FREQUENCY CONTROL REGISTER 3
This register contains eight bits of the 10-bit coefficient of the third frequency.
F3
D7
D6
D5
D4
D3
D2
D1
D0
Name
F37
F36
F35
F34
F33
F32
F31
F30
Default
X
X
X
X
X
X
X
X
Bit No
Symbol
Name and Description
D7-D0
F37-F30
A 10-bit coefficient (X) written into this register and into bits D0 and D1 of V3 allows to
programme the third frequency from 3.9 Hz to 3996 Hz. The coefficient in decimal
format for a given frequency can be calculated as:
X
=
f (Hz )* 256
1000
; X = (1…1023)
15) VOLUME CONTROL REGISTER 3
This register contains two bits of the third frequency coefficient and tone ringer volume mode control bits.
V3
D7
D6
D5
D4
D3
D2
D1
D0
Name
0
0
0
0
PS
PW
F39
F38
Default
X
X
X
X
X
X
X
X
Bit No
Symbol
Name and Description
D3
PS
Pulse Width Slow Bit. When set to High the pulse width step size is 4 µs. When set to
Low the pulse width step size is 1 µs.
D2
PW
Tone Ringer Volume Control Mode Bit. When set to Low pulse density volume control
is selected. When set to High pulse width volume control is selected.
D1-D0
F29-F28
These bits are the two most significant bits of the 10-bit frequency coefficient.
16) REPETITION PERIOD REGISTER
RP
D7
D6
D5
D4
D3
D2
D1
D0
Name
RP7
RP6
RP5
RP4
RP3
RP2
RP1
RP0
Default
X
X
X
X
X
X
X
X
Bit No
Symbol
Name and Description
D7-D0
RP7-RP0
An 8-bit value written into this register allows to set the repetition period with 32ms
accuracy.
X
=
Time(ms)
32ms
− 1; X= (1…255)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com