Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 21 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 21 Page - ams AG

Back Button AS3502 Datasheet HTML 17Page - ams AG AS3502 Datasheet HTML 18Page - ams AG AS3502 Datasheet HTML 19Page - ams AG AS3502 Datasheet HTML 20Page - ams AG AS3502 Datasheet HTML 21Page - ams AG AS3502 Datasheet HTML 22Page - ams AG AS3502 Datasheet HTML 23Page - ams AG AS3502 Datasheet HTML 24Page - ams AG AS3502 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
REV. M
Page 21
September 1998
AS3502
19) CADENCE ON REGISTER
CO
D7
D6
D5
D4
D3
D2
D1
D0
Name
CO7
CO6
CO5
CO4
CO3
CO2
CO1
CO0
Default
X
X
X
X
X
X
X
X
Bit No
Symbol
Name and Description
D7-D0
CO7-CO0
An 8-bit value written into this register allows to set the cadence on time with two
different accuracies. If the SLOW bit in the TC register is set to Low the resolution is
1ms:
X
=
Time(ms)
1(ms)
; X= (1…255).
If the SLOW bit in the TC register is set to High the resolution is 4ms:
X
=
Time(ms)
4(ms)
; X= (1…255).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com