Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 4 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 4 Page - ams AG

  AS3502 Datasheet HTML 1Page - ams AG AS3502 Datasheet HTML 2Page - ams AG AS3502 Datasheet HTML 3Page - ams AG AS3502 Datasheet HTML 4Page - ams AG AS3502 Datasheet HTML 5Page - ams AG AS3502 Datasheet HTML 6Page - ams AG AS3502 Datasheet HTML 7Page - ams AG AS3502 Datasheet HTML 8Page - ams AG AS3502 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
REV. M
Page 4
September 1998
AS3502
Pin Description (continued)
Pin #
Name
Type
Function
19
SCLK
DI
Serial PCM Shift Clock Input
This pin acts as shift clock input signal for the externally provided signal for serial
PCM data transfer. The frequency may vary from 128 kHz to 4.096 MHz in 8 kHz
increments and should be synchronized to MCLK. In the receive direction the
bitstream is latched with the falling edge of this clock. In the transmit direction the
bitstream is shifted out with the rising edges of this clock.
20
MCLK
DI
Master Clock Input
This signal is the timing reference for all internal operations. The clock frequency
must be a integer multiple of 2.048 MHz with a maximum of 18.432MHz and must
be synchronized to SCLK. The required master clock dividing ratio is selected by
setting the DIV3 -DIV0 bits in the Digital Control Register.
21
GND
SI
Digital Negative Supply Voltage Input
22
23
TR+
TR-
DO
DO
Differential Toneringer Outputs
These digital outputs provide square or sine wave signal for driving transducers
directly. TRO+ and TRO- are operating in push/pull mode providing peak to peak
voltage swing of 2 x VDD.The output volume is programmable and is
accomplished either through pulse density modulation or through pulse width
modulation.
24
25
EP-
EP+
AO
AO
Differential Earpiece Outputs
These two pins are the outputs of the differential earpiece amplifier driving either
dynamic earpieces with 150
Ω impedance or ceramic transducers with up to 50nF
directly. The signal reference on both pins is DC referenced to the internally gen-
erated Analogue Ground which is appr. 1/2 VDD.
26
AVSS
SI
Analogue Negative Supply Voltage Input
27
28
SP+
SP-
AO
AO
Differential Loudspeaker Outputs
These two pins are the outputs of the differential loudspeaker amplifier that is ca-
pable driving dynamic speakers with 50
Ω impedance directly. The maximum
output power is 50mW. The signal reference on both pins is DC referenced to the
internally generated Analogue Ground which is appr. 1/2 VDD.
AI:
Analogue Input
AO:
Analogue Output
DI:
Digital Input
DO: Digital Output
DI/O: Digital Input/Output
SI:
Supply Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com