Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 18 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 18 Page - ams AG

Back Button AS3502 Datasheet HTML 14Page - ams AG AS3502 Datasheet HTML 15Page - ams AG AS3502 Datasheet HTML 16Page - ams AG AS3502 Datasheet HTML 17Page - ams AG AS3502 Datasheet HTML 18Page - ams AG AS3502 Datasheet HTML 19Page - ams AG AS3502 Datasheet HTML 20Page - ams AG AS3502 Datasheet HTML 21Page - ams AG AS3502 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
REV. M
Page 18
September 1998
AS3502
13) VOLUME CONTROL REGISTER 2
This register contains the remaining two bits of the second frequency coefficient, and coarse and fine tone volume
control data for the receive direction.
V2
D7
D6
D5
D4
D3
D2
D1
D0
Name
0
0
V23
V22
V21
V20
F29
F28
Default
X
X
X
X
X
X
X
X
Bit No
Symbol
Name and Description
D5-D3
V23-V21
Receive Tone Coarse Volume Control ( V2C)
V23
V22
V21
Attenuation
0
0
0
- 10 dB
0
0
1
- 16 dB
0
1
0
- 22 dB
0
1
1
- 28 dB
1
0
0
- 34 dB
1
0
1
- 40 dB
D2
V20
Sine Tone Fine Volume Control (V2F)
V20
Attenuation
0
0 dB
1
- 2.5 dB
In transmit direction the sineoutput value depends on V2F and DGX:
VOUTSINE = 3.8 dBm + V2F + DGX (dBm0)
VOUTDTMF ROW TONE = -2.2dBm + DGX (dBm0)
VOUTDTMFCOLUMN TONE = -4.7dBm + DGX (dBm0)
In receive direction the sine output value on earpiece and speaker depends on V2C, V1
and AGR:
VOUTEP= 3.8 dBm + V2C + V2F+ AGR (dBm)
VOUTSP= 3.8 dBm + V2C + V2F+ 3dB (dBm)
D1-D0
F29-F28
These bits are the two most significant bits of the 10-bit frequency coefficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com