Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 28 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 28 Page - ams AG

Back Button AS3502 Datasheet HTML 21Page - ams AG AS3502 Datasheet HTML 22Page - ams AG AS3502 Datasheet HTML 23Page - ams AG AS3502 Datasheet HTML 24Page - ams AG AS3502 Datasheet HTML 25Page - ams AG AS3502 Datasheet HTML 26Page - ams AG AS3502 Datasheet HTML 27Page - ams AG AS3502 Datasheet HTML 28Page - ams AG AS3502 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
REV. M
Page 28
September 1998
AS3502
Serial Control Interface Timing (-40°C<TA <+70°C, 3.0 V
£VDD£4.5 V)
#
Parameter
Symbol
Condition
Min.
Typ.*
Max.
Units
1
Frequency of SCL
fSCLK
128
2048
kHz
2
Width of SCL Low
tWCH
160
ns
3
Width of SCL High
tWCL
160
ns
4
Fall Time of SCL
tFC
50
ns
5
Rise Time of SCL
tRC
50
ns
6
Hold Time from SCL High to /CS
Low
tHCS
For 1st SCL
10
ns
7
Hold Time from SCL High to /CS
High
tHSC
For 8th SCL
100
ns
8
Set up Time from /CS Transition
to SCL High
tSSC
60
ns
9
Setup Time from /CS Transition
to SCL Low
tSSC0
SDO is not enabled for a single
byte transfer
60
ns
10
Setup Time SDI Data In toSCL
High
tSDC
50
ns
11
Hold Time SCL High to SDI
Invalid
tHCD
50
ns
12
Delay Time SCL Low to SDO
Data Out Valid
tDCD
100pF + 2 LSTTL Loads
80
ns
13
Delay Time from /CS Low to
SDO Valid
tDSD
Only valid for dual chip selects
80
ns
14
Delay Time from /CS Low to
SDO High Impedance,
whichever comes earlier
tDDZ
15
80
ns
1
2
88
SCL
CS
SDI
SDO
1
6
8
2
3
10
11
7
0
0
7
70
1
4
5
6
7
8
9
12
13
7
14
14
6
Serial Control Interface Timing Diagramme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com