Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 27 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 27 Page - ams AG

Back Button AS3502 Datasheet HTML 21Page - ams AG AS3502 Datasheet HTML 22Page - ams AG AS3502 Datasheet HTML 23Page - ams AG AS3502 Datasheet HTML 24Page - ams AG AS3502 Datasheet HTML 25Page - ams AG AS3502 Datasheet HTML 26Page - ams AG AS3502 Datasheet HTML 27Page - ams AG AS3502 Datasheet HTML 28Page - ams AG AS3502 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
REV. M
Page 27
September 1998
AS3502
#
Parameter
Symbol
Condition
Min
Typ
Max
Units
9
Hold Time from SCLK Low to
Short Strobe Low
tHCSSL
30
ns
10
Hold Time from SCLK Low to
Long Strobe High
tHCLSH
0ns
11
Set Up Time from Long Strobe
High to SCLK Low
tSLSCL
30
ns
12
Hold Time from 3rd Period of
SCLK Low to Strobe Low
tHCLSL
30
ns
13
Delay Time from SCLK High to
TXD Valid
tDCD
CL= 100 pF + 2 TTL Loads
80
ns
14
Delay Time to Valid Data from
TXS or SCLK whichever comes
later
tDSD
CL= 100 pF + 2 TTL Loads
80
ns
15
Delay Time from SCLK or TXS
Low to TXD Disabled
tDCZ
80
ns
16
Set Up Time from RXD Valid to
SCLK Low
tSDC
30
ns
17
Hold Time from SCLK Low to
RXD invalid
tHCD
20
ns
18
Strobe Pulse Frequency
fSTB
8
KHz
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
Note 1: A 50:50 duty cycle must be used for 2.048MHz operation
Note 2: AS3502 provides a software programmable input clock divider that is programmable from 1:1 to 1:9
TXS, RXS
(LONG)
MSB
D
D
D
D
LSB
TXD
1
234
16
(8)
SCLK
TXS, RXS
(SHORT)
3
2
5
7
89
10
12
13
14
15
11
4
6
1
MCLK
RXD
MSB
D
D
16
17
PCM Timing Diagramme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com