Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 16 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 16 Page - ams AG

Back Button AS3502 Datasheet HTML 12Page - ams AG AS3502 Datasheet HTML 13Page - ams AG AS3502 Datasheet HTML 14Page - ams AG AS3502 Datasheet HTML 15Page - ams AG AS3502 Datasheet HTML 16Page - ams AG AS3502 Datasheet HTML 17Page - ams AG AS3502 Datasheet HTML 18Page - ams AG AS3502 Datasheet HTML 19Page - ams AG AS3502 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
REV. M
Page 16
September 1998
AS3502
9) SEQUENCE CONTROL REGISTER 2
This register contains the frequency codes for the second three steps of the six tone cadence.
SC2
D7
D6
D5
D4
D3
D2
D1
D0
Name
0
0
S61
S60
S51
S50
S41
S40
Default
0
0
X
X
X
X
X
X
Bit No
Symbol
Name and Description
D7, D6
-
Not used; will be low during read
D5, D4
S61,S60
Cadence Step 6:
00:
No Tone
01:
Frequency/Volume Register 1 is selected
10:
Frequency/Volume Register 2 is selected
11:
Frequency/Volume Register 3 is selected
D3, D2
S51, S50
Cadence Step 5
00:
No Tone
01:
Frequency/Volume Register 1 is selected
10:
Frequency/Volume Register 2 is selected
11:
Frequency/Volume Register 3 is selected
D1, D0
S41, S40
Cadence Step 4
00:
No Tone
01:
Frequency/Volume Register 1 is selected
10:
Frequency/Volume Register 2 is selected
11:
Frequency/Volume Register 3 is selected
10) FREQUENCY CONTROL REGISTER 1
This register contains eight bits of the 10-bit coefficient of the first frequency.
F1
D7
D6
D5
D4
D3
D2
D1
D0
Name
F17
F16
F15
F14
F13
F12
F11
F10
Default
X
X
X
X
X
X
X
X
Bit No
Symbol
Name and Description
D7-D0
F17-F10
A 10-bit coefficient (X) written into this register and into bits D0 and D1 of V1 allows to
programme the first frequency from 3.9 Hz to 3996 Hz. The coefficient for a given
frequency can be calculated as:
X
=
f (Hz )* 256
1000
; X = ( 1…1023)
11) VOLUME CONTROL REGISTER 1
This register contains the remaining two bits of the first frequency coefficient and volume control data for pulse
density volume control of square waves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com