Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 17 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 17 Page - ams AG

Back Button AS3502 Datasheet HTML 13Page - ams AG AS3502 Datasheet HTML 14Page - ams AG AS3502 Datasheet HTML 15Page - ams AG AS3502 Datasheet HTML 16Page - ams AG AS3502 Datasheet HTML 17Page - ams AG AS3502 Datasheet HTML 18Page - ams AG AS3502 Datasheet HTML 19Page - ams AG AS3502 Datasheet HTML 20Page - ams AG AS3502 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
REV. M
Page 17
September 1998
AS3502
V1
D7
D6
D5
D4
D3
D2
D1
D0
Name
0
V14
V13
V12
V11
V10
F19
F18
Default
X
X
X
X
X
X
X
X
Bit No
Symbol
Name and Description
D6-D2
V14-V10
A 5 bit coefficient (X) written into this register allows to programme both the tone ringer
attenuation in pulse density mode and the attenuation of the tone generator in square
wave mode. The coefficient in decimal format for a given attenuation can be calculated
as:
X
= 31*10^(
Volume(dB )
20
);X= ( 1…31)
VOUT
= 2 *VDD *10^(
V 1
20
) (V)
In tone generator square wave mode a 4-bit coefficient using bits V13 to V10 allows to
programme the volume where coefficient in decimal format for a given volume can be
calculated as:
X
= 16 *10^(
Volume(dB )
20
);X= (0…15)
In receive direction the absolute output value on the speaker and earpiece outputs
depends on AGR and V2.
VOUTEP= 6.14 dBm + V2C + V1 + AGR (dBm)
VOUTSP=6.14 dBm + V2 + V1 + 3 dB (dBm)
In transmit direction the output value depends on V1 and DGX.
VOUT = 6.14 dBm0 + V1 + DGX (dBm0)
F19-F18
These bits are the two most significant bits of the 10-bit frequency coefficient.
12) FREQUENCY CONTROL REGISTER 2
This register contains eight bits of the 10-bit coefficient of the second frequency.
F2
D7
D6
D5
D4
D3
D2
D1
D0
Name
F27
F26
F25
F24
F23
F22
F21
F20
Default
X
X
X
X
X
X
X
X
Bit No
Symbol
Name and Description
D7-D0
F27-F20
A 10-bit coefficient (X) written into this register and into bits D0 and D1 of V2 allows to
programme the second frequency from 3.9 Hz to 3996 Hz. The coefficient in decimal
format for a given frequency can be calculated as:
X
=
f (Hz )* 256
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com