Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 25 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 25 Page - ams AG

Back Button AS3502 Datasheet HTML 21Page - ams AG AS3502 Datasheet HTML 22Page - ams AG AS3502 Datasheet HTML 23Page - ams AG AS3502 Datasheet HTML 24Page - ams AG AS3502 Datasheet HTML 25Page - ams AG AS3502 Datasheet HTML 26Page - ams AG AS3502 Datasheet HTML 27Page - ams AG AS3502 Datasheet HTML 28Page - ams AG AS3502 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
REV. M
Page 25
September 1998
AS3502
Receive Transmission Characteristics (-40°C<TA <+70°C, 3.0 V
≤VDD≤4.5 V ; AGR = 0 dB; DGR = 0 dB; RL = 150Ω
from EP+ to EP-) unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Units
GRA
Absolute Receive Gain
Trimming and Step Deviations
25 °C, Note 1
Steps: 0dB, -6dB, -12dB
±0.3
dB
GRAT
Gain Variation with Temp.
±0.1
dB
GRAV
Gain Variation with Supply
±0.05
dB
GRAG
Gain Variation with Digital Gain
-6 dB
≤ DGR ≤ 0 dB
±0.05
dB
DGR
Digital Gain Setting Range
See text for coefficient calculation
-6
0
dB
GTR
Gain Variation with Input Level
1020 Hz tone
-40 to +3 dBm0
-50 to -40 dBm0
-50 to -55 dBm0
±0.2
±0.4
±0.8
dB
dB
dB
GRAF
Receive Frequency Response
Relative to gain @ 1020 Hz, -10dBm0
0 Hz to 2400 Hz
2400 Hz to 3000 Hz
3400 Hz
3400 Hz to 4000 Hz
-0.2
-0.25
-0.8
0.2
0.2
0
Note 2
dB
dB
dB
dB
SOS
Spurious Out-of Band Signals at
the Output
4.6 kHz @0 dBm0; 300 Hz
≤ f ≤3.4 kHz
8k Hz @-0 dBm0; 300 Hz
≤ f ≤3.4 kHz
-40
-50
dBm0
dBm0
PDR
Absolute Group Delay
0 dBm0 @ 800Hz
370
µs
DDR
Group Delay Distortion
Relative to minimum
500 Hz
630 Hz
800 Hz
1000 Hz
1250 Hz
1600 Hz
2100 Hz
2500 Hz
0
0
0
10
20
30
60
110
µs
µs
µs
µs
µs
µs
µs
µs
STDR
Signal to Distortion Ratio
f = 1020 Hz , Note 3
0 dBm0
-10 dBm0
-30 dBm0
-40 dBm0
- 45 dBm0
50
50
36
31
26
dBp
dBp
dBp
dBp
dBp
ICNR
Idle Channel Noise
PCM +0 Code; AGR = + 6 dB
-75
dBm0p
SFNR
Sampling Frequency. Noise
selectively measured @ 8 kHz;
AGR=+6 dB
-78
dBm0
PSRRR
Receive
Power Supply Rejection Ratio
VDD + 100 mVrms; PCM +0 Code
0 - 4 kHz
4 - 50 kHz
50
50
dBp
dB
CT TX->RX
Transmit to Receive Crosstalk
GR = -12 dB
75
dB
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
Note 1:
The tolerance of the absolute level is defined by the trimming accuracy of the converter reference.
Note 2:
GRAF =
13 sin
π 4000 − f
(
)
1200
− 1
Note 3:
Total distortion includes quantization and harmonic distortion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com