Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 15 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 15 Page - ams AG

Back Button AS3502 Datasheet HTML 11Page - ams AG AS3502 Datasheet HTML 12Page - ams AG AS3502 Datasheet HTML 13Page - ams AG AS3502 Datasheet HTML 14Page - ams AG AS3502 Datasheet HTML 15Page - ams AG AS3502 Datasheet HTML 16Page - ams AG AS3502 Datasheet HTML 17Page - ams AG AS3502 Datasheet HTML 18Page - ams AG AS3502 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
REV. M
Page 15
September 1998
AS3502
Bit No
Symbol
Name and Description
D7
TRINJ
Tone Ringer Inject. When set to High the tone generator is connected to the toneringer
output. When set to Low the TRO+ and TRO- outputs are forced to high impedance
state.
D6
RXINJ
Receive Inject. When set to High the tone generator is connected to the AS3502
receive section.
D5
TXINJ
Transmit Inject. When set to High the tone generator is connected to the AS3502
transmit section.
D4
CS
Cadence Slow Bit. When set to High the cadence step size resolution is 4 ms. When
set to Low the cadence step size resolution is 1 ms.
D3
BURST
MODE
When set to High tone burst mode operation is selected.
D2
SHAPE
When set to High square wave mode is selected. When set to Low sine wave mode is
selected
D1
TONE
MODE
Tone Mode Bit. When set to High dual tone mode is selected. When set to Low single
tone mode is selected.
D0
START
Start Melody. When set to High the tone generation is enabled. This bit acts as single
byte on/off sequence.
8) SEQUENCE CONTROL REGISTER 1
This register contains the frequency codes for the first three steps of the six tone cadence.
SC1
D7
D6
D5
D4
D3
D2
D1
D0
Name
0
0
S31
S30
S21
S20
S11
S10
Default
0
0
x
x
x
x
x
x
Bit No
Symbol
Name and Description
D7, D6
-
Not used; will be low during read
D5, D4
S31, S30
Cadence Step 3:
00:
No Tone
01:
Frequency/Volume Register 1 is selected
10:
Frequency/Volume Register 2 is selected
11:
Frequency/Volume Register 3 is selected
S21, S20
Cadence Step 2
00:
No Tone
01:
Frequency/Volume Register 1 is selected
10:
Frequency/Volume Register 2 is selected
11:
Frequency/Volume Register 3 is selected
D1, D0
S11, S10
Cadence Step1
00:
No Tone
01:
Frequency/Volume Register 1 is selected
10:
Frequency/Volume Register 2 is selected
11:
Frequency/Volume Register 3 is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com