Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 20 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 20 Page - ams AG

Back Button AS3502 Datasheet HTML 16Page - ams AG AS3502 Datasheet HTML 17Page - ams AG AS3502 Datasheet HTML 18Page - ams AG AS3502 Datasheet HTML 19Page - ams AG AS3502 Datasheet HTML 20Page - ams AG AS3502 Datasheet HTML 21Page - ams AG AS3502 Datasheet HTML 22Page - ams AG AS3502 Datasheet HTML 23Page - ams AG AS3502 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
REV. M
Page 20
September 1998
AS3502
17) REPETITION ON REGISTER
RO
D7
D6
D5
D4
D3
D2
D1
D0
Name
RO7
RO6
RO5
RO4
RO3
RO2
RO1
RO0
Default
X
X
X
X
X
X
X
X
Bit No
Symbol
Name and Description
D7-D0
RO7-RO0
An 8-bit value written into this register allows to set the repetition on time with 32ms
accuracy. If this time exceeds the repetition period time, continuous operation will be
performed. Repetition times can only be generated when using pulse density volume
control mode.
X
=
Time(ms)
32ms
; X= (1…255)
If pulse width volume control mode is selected, an 8-bit value written into this register
allows to set the duty cycle of the tone ringer outputs with two different accuracies
depending on the PS bit in the volume Control Register 3 :
PS=0: X
=
Time (
µs)
1
µs
; X= (1…255)
PS=1: X
=
Time (
µs)
4
µs
; X= (1…255)
18) CADENCE PERIOD REGISTER
CP
D7
D6
D5
D4
D3
D2
D1
D0
Name
CP7
CP6
CP5
CP4
CP3
CP2
CP1
CP0
Default
X
X
X
X
X
X
X
X
Bit No
Symbol
Name and Description
D7-D0
CP7-CP0
A n 8-bit value written into this register allows to set the cadence period with two
different accuracies. If the SLOW bit in the TC register is set to Low the resolution is
1ms:
X
=
Time(ms)
1(ms)
− 1; X= (1…255).
If the SLOW bit in the TC register is set to High the resolution is 4ms:
X
=
Time(ms)
4(ms)
− 1; X= (1…255).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com