Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 24 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 24 Page - ams AG

Back Button AS3502 Datasheet HTML 20Page - ams AG AS3502 Datasheet HTML 21Page - ams AG AS3502 Datasheet HTML 22Page - ams AG AS3502 Datasheet HTML 23Page - ams AG AS3502 Datasheet HTML 24Page - ams AG AS3502 Datasheet HTML 25Page - ams AG AS3502 Datasheet HTML 26Page - ams AG AS3502 Datasheet HTML 27Page - ams AG AS3502 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
REV. M
Page 24
September 1998
AS3502
Transmit Transmission Characteristics (-40°C<TA <+70°C, 3.0V
≤VDD≤4.5V; AGX=+16 dB; DGX= 0 dB) unless
otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Units
GXA
Absolute Transmit Gain
Trimming and Step Deviations
25 °C, Note 1, MIC1 Input
Steps: 16dB, 22dB, 28dB, 34dB, 40dB
±0.3
dB
GXAT
Gain Variation with Temp.
±0.1
dB
GXAV
Gain Variation with Supply
±0.05
dB
GXAG
Gain Variation with Digital Gain
0 dB
≤ DGX ≤ +6 dB
±0.05
dB
DGX
Digital Gain Setting Range
See text for coefficient calculation
0
+6
dB
GTX
Gain Variation with Input Level
1020 Hz tone ; AGX=40 dB; DGX=0 dB
-40 to +3 dBm0
-50 to -40 dBm0
-50 to -55 dBm0
±0.2
±0.4
±0.8
dB
dB
dB
GXAF
Transmit Frequency Response
Relative. to gain at 1020 Hz @ -10dBm0
50 Hz
60 Hz
100 Hz
200 Hz
300 to 3000 Hz
3400 Hz
3400 Hz to 4000 Hz
4000 Hz to 4600 Hz
-1.8
-0.2
-1.1
-30
-30
-22
-0.1
0.2
0
Note 2
Note 3
dB
dB
dB
dB
dB
dB
dB
dB
DIS
Discrimination against Out -of
Band Input Signals
4.6 kHz at--10 dBm0
8 kHz at -10 dBm0
35
45
dB
dB
PDX
Absolute Group Delay
0 dBm0 at 1500 Hz
600
µs
DDX
Group Delay Distortion
Relative to minimum
500 Hz
630 Hz
800 Hz
1000 Hz
1250 Hz
1600 Hz
2100 Hz
2500 Hz
190
100
50
20
0
0
10
50
µs
µs
µs
µs
µs
µs
µs
µs
STDX
Signal to Distortion Ratio
f = 1020 Hz , AGX=40 dB; DGX=0 dB;
Note 4
0dBm0
-10dBm0
-30dBm0
-40dBm0
-45 dBm0
50
50
40
31
26
dBp
dBp
dBp
dBp
dBp
ICNX
Idle Channel Noise
Inputs shorted; AGX=40 dB; DGX=0 dB
-70
dBm0p
SFNX
Single Frequency. Noise
0.3 -3.4 kHz 10 Hz bandwidth; AGX=40
dB; DGX=0 dB
-75
dBm0
PSRRX
Transmit
Power Supply Rejection Ratio
VDD + 100 mVrms 0 to 50 kHz
inputs shorted; measured on TXD
50
dBp
CT RX->TX
Receive to Transmit Crosstalk
75
dB
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
Note 1:
The tolerance of the absolute input level is defined by the trimming accuracy of the converter reference.
Note 2:
GXAF = 15 sin
π 4000 − f
(
)
1200
− 1


Note 3: GXAF = 20 sin
π 4000 − f
(
)
1200
−
15
20


Note 4:
Total distortion includes quantization and harmonic distortion;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com