Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 7 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 7 Page - ams AG

Back Button AS3502 Datasheet HTML 3Page - ams AG AS3502 Datasheet HTML 4Page - ams AG AS3502 Datasheet HTML 5Page - ams AG AS3502 Datasheet HTML 6Page - ams AG AS3502 Datasheet HTML 7Page - ams AG AS3502 Datasheet HTML 8Page - ams AG AS3502 Datasheet HTML 9Page - ams AG AS3502 Datasheet HTML 10Page - ams AG AS3502 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
REV. M
Page 7
September 1998
AS3502
T/2
T/2
R0 < T/2
Start Melody
TRO+
TRO-
R0 < T/2
PW = 1
Burst=1
Pulse Width Volume Control
Sequencer
The sequencer controlling the synthesizer is a six
step rotating shift register that is controlled by a
cadence counter. Each location in the two sequence
control registers (SC1, SC2) contains the value of one
out of three different frequencies or the value of a
tone pause that are played in consecutive order. In
DTMF mode the 6-bit shift register is split up into two
3-byte shift registers. In this mode the cadence steps
are interleaved as S1/S4, S2/S5, S3/S6 where the
SC1 register defines the high group tones with an
attenuation of 2.5 dB and where the SC2 register
defines the low group tones.
S6
S5
S4
S3
S1
S2
S6
S5
S4
S3
S1
S2
MUX
Single Tone:
Dual Tone:
SC1
SC2
.
Tone Sequencer
Cadence Generation
The cadence counter determines the sequencer
rotation speed and the on/ off timing characteristics of
the tones and controls both the sequencer shift clock
and the tone synthesizer on/ off time. The tone off
time allows to insert pauses on switching from one
frequency to the other.
Cadence Period (CP) and Cadence On Time (CO)
are programmed with an 8-bit value. The CS bit
defines two time spans with different resolution:
CP: Cadence Period
CO: Cadence On Time
S1
S2
S3
S4
S5
S6
S1
S2
S3
Cadence Counter
Repetition Counter
The repetition counter controls either the duration
(RO) and repetition (RP) of the melody sequence or
the volume for pulse width volume control of the tone
ringer output.
In repetition mode the repetition counter may be
operated in continuous mode where the ringing signal
is turned on and off with the RP and R0 period or in
single shot mode where the ringing signal is active for
the R0 period. only.
Each tone signalling sequence must be started with
this counter:
Repetition Period (RP) and Repetition On Time (RO)
are programmed with an 8-bit value .
S1
S2
S3
S4
S5
S6
S1
S2
S3
S1
RP: Repetition Period
RO: Repetition On Time
Repetition Counter
PCM Serial Interface
The AS3502 5-wire PCM port interfaces directly to
many serial port standards. The PCM data word is
either formated in 16-bit linear format with 13 bit 2`s
complement data justified left where the last three
LSB bits are reserved or formatted according to 8-bit
A-Law format with alternate mark inversion (AMI)
meaning that the even bits are inverted per CCITT
G711 specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com