Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 22 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 22 Page - ams AG

Back Button AS3502 Datasheet HTML 18Page - ams AG AS3502 Datasheet HTML 19Page - ams AG AS3502 Datasheet HTML 20Page - ams AG AS3502 Datasheet HTML 21Page - ams AG AS3502 Datasheet HTML 22Page - ams AG AS3502 Datasheet HTML 23Page - ams AG AS3502 Datasheet HTML 24Page - ams AG AS3502 Datasheet HTML 25Page - ams AG AS3502 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
REV. M
Page 22
September 1998
AS3502
Absolute Maximum Ratings*
Supply Voltage................................................................................................................................-0.3
≤VDD≤7 V
Voltage applied on Any Input ........................................................................................... -0.3 V
≤VIN≤VDD+0.3 V
Voltage applied on Digital Outputs................................................................................ -0.3 V
≤VOUT≤VDD+0.3 V
Input Current (all pins).................................................................................................................... IIN ≤ ± 50 mA
Output Current .............................................................................................................................. IOUT≤ ±10 mA
Storage Temperature Range........................................................................................................... -65 to +150°C
*Exceeding these figures may cause permanent damage. Functional operation under these conditions is not permitted
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Units
VDD
Supply Voltage
3.0
4.5
5.5
V
TAMB
Operating Temperature Range
-40
+25
+70
°
C
VIN
Input Voltage
GND
VDD
V
VOUT
Tristate Output Voltage
GND
VDD
V
CLOCK
Clock Frequency
2.048
MHz
SYNC
Synchronization Frequency
8
kHz
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
DC Characteristics (-40°C<TA< +70°C, 3.0 V
≤VDD≤4.5 V)
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Units
VIL
Input Low Level
All digital inputs
0.3xVDD V
VIH
Input High Level
All digital pins
0.7xVDD
V
VOL
Output Low Level
1.6 mA
0.4
V
VOH
Output High Level
1.6 mA
2.4
V
IL
Input Leakage Current
VIN= GND to VDD
±
10
µA
IOZ
High Impedance Current
VOUT= GND to VDD
±
10
µA
IDD
Supply Current
Outputs unloaded; VDD = 3 V
10
mA
IDD0
Power Down Current
TA= 25°C VDD= 3.0 V
5
µA
Analogue Interface With Microphone Input 1 & 2 (-40°C<TA< +70°C, 3.0 V
≤VDD≤4.5 V)
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Units
AIP
Peak Input Level
Note 1; THD </= 2%
AGX= +16 dB; DGX= 0 dB
AGX= +46 dB; DGX= 0 dB
176
5.58
mVrms
mVrms
AIL
Nominal Input Level
0 dBm0; Default Gain: GX=+31 dB
21.8
mVrms
GX
Transmit Gain
GX = AGX + DGX
+16
+31
+52
dB
AGX
Analogue Gain Range
+15.5
+33.5
+45.5
dB
Analogue Gain Step Size
5.8
6.0
6.2
dB
ZIN
Input Impedance
MIC+ to MIC-,0.3
≤ f ≤ 3.4kHz
2 x 30
k
Ω
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com