Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 3 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 3 Page - ams AG

  AS3502 Datasheet HTML 1Page - ams AG AS3502 Datasheet HTML 2Page - ams AG AS3502 Datasheet HTML 3Page - ams AG AS3502 Datasheet HTML 4Page - ams AG AS3502 Datasheet HTML 5Page - ams AG AS3502 Datasheet HTML 6Page - ams AG AS3502 Datasheet HTML 7Page - ams AG AS3502 Datasheet HTML 8Page - ams AG AS3502 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
REV. M
Page 3
September 1998
AS3502
Pin Description (continued)
Pin #
Name
Type
Function
10
POR
DI
Power On Reset Input
An active Low signal on this pin starts the system initialization. All internal registers
are set to their default values and the serial interface will be reinitialized and the
chip will enter power down mode.
11
CS
DI
Serial Control Chip Select Input
An active Low signal on this pin enables serial data transfers via SDI and SDO.
12
SCL
DI
Serial Control Clock Input
This pin acts as shift clock signal input for serial control data transfer via SDI and
SDO when CS is active Low and may be asynchronous to all other clock signals.
13
SDI
DI
Serial Control Data Input
This input samples control data bits on the rising edges of the serial clock SCL
when CS is active Low. Depending on the type of transfer 8 or 16 bits are shifted
in.
14
SDO
DO
Serial Control Data Output
This output shifts out control/status data with the falling edge of SCL when CS is
active Low.
15
RXD
DI
Receive PCM Data Input
This input samples PCM data bits on the falling edges of the serial clock SCLK
following a rising edge on the receive strobe signal. After the time when all data
bits have been shifted into the receive shift register all bits are latched into the
receive latch for digital to analogue conversion.
16
RXS
DI
Receive PCM Strobe Input
The signal on this input initiates shifting of serial data into the receive shift register.
It must be synchronized with SCLK. The clock rate is typically 8 kHz. The signal
width determines whether short strobe or long strobe mode is used: A pulse width
of one to two shift clock periods selects short strobe mode. (For further information
see PCM Timing Diagramme ). The strobe signal does not need to be active
throughout the transmission period since an internal bit counter generates the
necessary timing for 8 or16 bit periods depending on the selected output format for
serial PCM reception.
17
TXS
DI
Transmit PCM Strobe Input
This signal on this input initiates shifting of serial data out of the transmit shift
register. It must be synchronized with SCLK. The clock rate is typically 8 kHz. The
signal width determines whether short strobe or long strobe mode is used: A pulse
width of one to two shift clock periods selects short strobe mode. Pulse widths
from 3 clock periods on wards select long strobe mode. The strobe signal does not
need to be active throughout the transmission period since an internal bit counter
generates the necessary timing for 8 or 16 bit periods depending on the selected
output format for serial PCM transmission.
18
TXD
DO
Transmit PCM Data Output
This Tristate output shifts out PCM data from the Codec's A/D converter and is
activated during the transmission of serial data for 8 or 16 transmit clock periods
following a rising edge on the transmit strobe signal. It is updated by the rising
edges of the SCLK clock signal. The output goes back to high impedance after
transmission of 8 or 16 data bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com