Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3502 Datasheet(PDF) 26 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 26 Page - ams AG

Back Button AS3502 Datasheet HTML 21Page - ams AG AS3502 Datasheet HTML 22Page - ams AG AS3502 Datasheet HTML 23Page - ams AG AS3502 Datasheet HTML 24Page - ams AG AS3502 Datasheet HTML 25Page - ams AG AS3502 Datasheet HTML 26Page - ams AG AS3502 Datasheet HTML 27Page - ams AG AS3502 Datasheet HTML 28Page - ams AG AS3502 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
REV. M
Page 26
September 1998
AS3502
Tone Generator Characteristics (-40°C<TA <+70°C, 3.0 V
£VDD£4.5 V)
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Units
f
Frequency Range
Step size is 3.9 Hz
3.9
3996
Hz
Æf
Frequency Tolerance
± 1%
THD
Total Harmonic Distortion
300 Hz
£ f £3996 Hz ; 3.14 dBm0
40
dB
tCP
tCO
Cadence Period
Cadence On Time
CS Bit = Low ; Step Size = 1 ms
CS Bit = High; Step Size = 4 ms
2
8
255
1020
ms
ms
tRP
tRO
Repetition Period
Repetition On Time
Step Size = 32 ms
64
8160
ms
ms
tRO
Pulse Width Volume Period
PS Bit = Low; Step Size = 1µs
PS Bit = High; Step Size = 4µs
2
8
255
1020
µs
µs
VoutTX
TX Sine Tone Level
Note 1;
3.14
dBm0
VoutSINE-EP Earpiece Sine Tone Level
Note 4; AGR= +6 dB
-0.2
dBm
VoutSINE-SP Speaker Sine Tone Level
Note 4; AGR= +6 dB
-2.8
dBm
Vout
TX DTMF Row Tone Level
Note 2
-4.7
dBm0
PREEM
DTMF Preemphasis
Column to Row Tone
+2.5
dB
V2
Sine Wave Volume Control
-42.5
-10
dB
dV2C
Volume Coarse Step Size
6
dB
dV2F
Volume Fine Step Size
2.5
dB
VoutSQ
TX Peak Square Tone Level
Note 3
3.14
dBm
VoutSQ-EP
RX Peak Square Tone Level
AGR=+6dB; Note 5
-2.14
dBm
VoutSQ-SP
RX Peak Square Tone Level
GR=+3dB; Note 5
-0.76
dBm
V1
Square Wave Volume Control
See text for coefficient calculation
-30
0
dB
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
Note 1:
In the transmit direction the sine tone level is controlled by the DGX register and the V2F bit.
Note 2:
In the transmit direction the DTMF level is controlled by the DGX register only.
Note 3:
In the transmit direction the square tone level is controlled by the V1 register and the DGX register. Levels
exceeding 3.14 dBm0 are limited by the transmit saturation logic to 3.14 dBm0.
Note 4:
In the receive direction the sine tone level is controlled by the V2 and the AGR register.
Note 5:
In the receive direction the square tone level is controlled by the V1, V2C and the AGR register.
Timing SpecificationsPCM Interface Timing (-40°C<TA <+70°C, 3.0 V£VDD£4.5 V)
#
Parameter
Symbol
Condition
Min
Typ
Max
Units
1
Frequency of Master Clock
tFMCLK
Note 1, 2
2.048
18.432
MHz
2
Width of SCLK High
tWCH
80
ns
3
Frequency of SCLK
1/tC
64
4096
KHz
4
Width of SCLK Low
tWCL
80
ns
5
Fall Time of SCLK
tFC
30
ns
6
Rise Time of SCLK
tRC
30
ns
7
Hold Time from SCLK High to
Short Strobe High
tHCSSH
0ns
8
Set Up Time from Short Strobe
High to SCLK Low
tSSSCL
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com