Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 202 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 202 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 198Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 199Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 200Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 201Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 202Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 203Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 204Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 205Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 206Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 341 page
background image
Chapter 13 Real-Time Counter (S08RTCV1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
198
Freescale Semiconductor
13.3.2
RTC Counter Register (RTCCNT)
RTCCNT is the read-only value of the current RTC count of the 8-bit counter.
13.3.3
RTC Modulo Register (RTCMOD)
13.4 Functional Description
The RTC is composed of a main 8-bit up-counter with an 8-bit modulo register, a clock source selector,
and a prescaler block with binary-based and decimal-based selectable values. The module also contains
software selectable interrupt logic.
After any MCU reset, the counter is stopped and reset to 0x00, the modulus register is set to 0x00, and the
prescaler is off. The 1-kHz internal oscillator clock is selected as the default clock source. To start the
prescaler, write any value other than zero to the prescaler select bits (RTCPS).
Three clock sources are software selectable: the low power oscillator clock (LPO), the external clock
(ERCLK), and the internal clock (IRCLK). The RTC clock select bits (RTCLKS) select the desired clock
source. If a different value is written to RTCLKS, the prescaler and RTCCNT counters are reset to 0x00.
7
654
3
210
R
RTCCNT
W
Reset:
0
0
0
0
0
0
0
0
Figure 13-4. RTC Counter Register (RTCCNT)
Table 13-4. RTCCNT Field Descriptions
Field
Description
7:0
RTCCNT
RTC Count. These eight read-only bits contain the current value of the 8-bit counter. Writes have no effect to this
register. Reset, writing to RTCMOD, or writing different values to RTCLKS and RTCPS clear the count to 0x00.
7
654
3
210
R
RTCMOD
W
Reset:
0
0
0
0
0
0
0
0
Figure 13-5. RTC Modulo Register (RTCMOD)
Table 13-5. RTCMOD Field Descriptions
Field
Description
7:0
RTCMOD
RTC Modulo. These eight read/write bits contain the modulo value used to reset the count to 0x00 upon a compare
match and set the RTIF status bit. A value of 0x00 sets the RTIF bit on each rising edge of the prescaler output.
Writing to RTCMOD resets the prescaler and the RTCCNT counters to 0x00. Reset sets the modulo to 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com