Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 203 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 203 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 199Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 200Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 201Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 202Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 203Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 204Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 205Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 206Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 207Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 341 page
background image
Chapter 13 Real-Time Counter (S08RTCV1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
199
RTCPS and the RTCLKS[0] bit select the desired divide-by value. If a different value is written to RTCPS,
the prescaler and RTCCNT counters are reset to 0x00. Table 13-6 shows different prescaler period values.
The RTC modulo register (RTCMOD) allows the compare value to be set to any value from 0x00 to 0xFF.
When the counter is active, the counter increments at the selected rate until the count matches the modulo
value. When these values match, the counter resets to 0x00 and continues counting. The real-time interrupt
flag (RTIF) is set when a match occurs. The flag sets on the transition from the modulo value to 0x00.
Writing to RTCMOD resets the prescaler and the RTCCNT counters to 0x00.
The RTC allows for an interrupt to be generated when RTIF is set. To enable the real-time interrupt, set
the real-time interrupt enable bit (RTIE) in RTCSC. RTIF is cleared by writing a 1 to RTIF.
13.4.1
RTC Operation Example
This section shows an example of the RTC operation as the counter reaches a matching value from the
modulo register.
Table 13-6. Prescaler Period
RTCPS
1-kHz Internal Clock
(RTCLKS = 00)
1-MHz External Clock
(RTCLKS = 01)
32-kHz Internal Clock
(RTCLKS = 10)
32-kHz Internal Clock
(RTCLKS = 11)
0000
Off
Off
Off
Off
0001
8 ms
1.024 ms
250
μs
32 ms
0010
32 ms
2.048 ms
1 ms
64 ms
0011
64 ms
4.096 ms
2 ms
128 ms
0100
128 ms
8.192 ms
4 ms
256 ms
0101
256 ms
16.4 ms
8 ms
512 ms
0110
512 ms
32.8 ms
16 ms
1.024 s
0111
1.024 s
65.5 ms
32 ms
2.048 s
1000
1 ms
1 ms
31.25
μs
31.25 ms
1001
2 ms
2 ms
62.5
μs
62.5 ms
1010
4 ms
5 ms
125
μs
156.25 ms
1011
10 ms
10 ms
312.5
μs
312.5 ms
1100
16 ms
20 ms
0.5 ms
0.625 s
1101
0.1 s
50 ms
3.125 ms
1.5625 s
1110
0.5 s
0.1 s
15.625 ms
3.125 s
1111
1 s
0.2 s
31.25 ms
6.25 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com