Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 214 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 214 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 210Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 211Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 212Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 213Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 214Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 215Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 216Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 217Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 218Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 341 page
background image
Chapter 14 Serial Communications Interface (S08SCIV4)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
210
Freescale Semiconductor
14.2.3
SCI Control Register 2 (SCIxC2)
This register can be read or written at any time.
3
WAKE
Receiver Wakeup Method Select — Refer to Section 14.3.3.2, “Receiver Wakeup Operation” for more
information.
0 Idle-line wakeup.
1 Address-mark wakeup.
2
ILT
Idle Line Type Select — Setting this bit to 1 ensures that the stop bit and logic 1 bits at the end of a character
do not count toward the 10 or 11 bit times of logic high level needed by the idle line detection logic. Refer to
Section 14.3.3.2.1, “Idle-Line Wakeup” for more information.
0 Idle character bit count starts after start bit.
1 Idle character bit count starts after stop bit.
1
PE
Parity Enable — Enables hardware parity generation and checking. When parity is enabled, the most significant
bit (MSB) of the data character (eighth or ninth data bit) is treated as the parity bit.
0 No hardware parity generation or checking.
1 Parity enabled.
0
PT
Parity Type — Provided parity is enabled (PE = 1), this bit selects even or odd parity. Odd parity means the total
number of 1s in the data character, including the parity bit, is odd. Even parity means the total number of 1s in
the data character, including the parity bit, is even.
0 Even parity.
1 Odd parity.
76543210
R
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
W
Reset
00000000
Figure 14-7. SCI Control Register 2 (SCIxC2)
Table 14-4. SCIxC2 Field Descriptions
Field
Description
7
TIE
Transmit Interrupt Enable (for TDRE)
0 Hardware interrupts from TDRE disabled (use polling).
1 Hardware interrupt requested when TDRE flag is 1.
6
TCIE
Transmission Complete Interrupt Enable (for TC)
0 Hardware interrupts from TC disabled (use polling).
1 Hardware interrupt requested when TC flag is 1.
5
RIE
Receiver Interrupt Enable (for RDRF)
0 Hardware interrupts from RDRF disabled (use polling).
1 Hardware interrupt requested when RDRF flag is 1.
4
ILIE
Idle Line Interrupt Enable (for IDLE)
0 Hardware interrupts from IDLE disabled (use polling).
1 Hardware interrupt requested when IDLE flag is 1.
Table 14-3. SCIxC1 Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com