Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 215 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 215 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 211Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 212Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 213Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 214Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 215Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 216Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 217Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 218Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 219Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 341 page
background image
Chapter 14 Serial Communications Interface (S08SCIV4)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
211
14.2.4
SCI Status Register 1 (SCIxS1)
This register has eight read-only status flags. Writes have no effect. Special software sequences (which do
not involve writing to this register) are used to clear these status flags.
3
TE
Transmitter Enable
0 Transmitter off.
1 Transmitter on.
TE must be 1 in order to use the SCI transmitter. When TE = 1, the SCI forces the TxD pin to act as an output
for the SCI system.
When the SCI is configured for single-wire operation (LOOPS = RSRC = 1), TXDIR controls the direction of
traffic on the single SCI communication line (TxD pin).
TE also can be used to queue an idle character by writing TE = 0 then TE = 1 while a transmission is in progress.
Refer to Section 14.3.2.1, “Send Break and Queued Idle” for more details.
When TE is written to 0, the transmitter keeps control of the port TxD pin until any data, queued idle, or queued
break character finishes transmitting before allowing the pin to revert to a general-purpose I/O pin.
2
RE
Receiver Enable — When the SCI receiver is off, the RxD pin reverts to being a general-purpose port I/O pin.
If LOOPS = 1 the RxD pin reverts to being a general-purpose I/O pin even if RE = 1.
0 Receiver off.
1 Receiver on.
1
RWU
Receiver Wakeup Control — This bit can be written to 1 to place the SCI receiver in a standby state where it
waits for automatic hardware detection of a selected wakeup condition. The wakeup condition is either an idle
line between messages (WAKE = 0, idle-line wakeup), or a logic 1 in the most significant data bit in a character
(WAKE = 1, address-mark wakeup). Application software sets RWU and (normally) a selected hardware
condition automatically clears RWU. Refer to Section 14.3.3.2, “Receiver Wakeup Operation” for more details.
0 Normal SCI receiver operation.
1 SCI receiver in standby waiting for wakeup condition.
0
SBK
Send Break — Writing a 1 and then a 0 to SBK queues a break character in the transmit data stream. Additional
break characters of 10 or 11 (13 or 14 if BRK13 = 1) bit times of logic 0 are queued as long as SBK = 1.
Depending on the timing of the set and clear of SBK relative to the information currently being transmitted, a
second break character may be queued before software clears SBK. Refer to Section 14.3.2.1, “Send Break and
Queued Idle” for more details.
0 Normal transmitter operation.
1 Queue break character(s) to be sent.
76543210
R
TDRE
TC
RDRF
IDLE
OR
NF
FE
PF
W
Reset
11000000
= Unimplemented or Reserved
Figure 14-8. SCI Status Register 1 (SCIxS1)
Table 14-4. SCIxC2 Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com