Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 130Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 131Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 132Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 133Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 134Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 135Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 136Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 137Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 341 page
background image
Chapter 9 Analog-to-Digital Converter (S08ADC10V1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
130
Freescale Semiconductor
9.3.3
Data Result High Register (ADCRH)
ADCRH contains the upper two bits of the result of a 10-bit conversion. When configured for 8-bit
conversions both ADR8 and ADR9 are equal to zero. ADCRH is updated each time a conversion
completes except when automatic compare is enabled and the compare condition is not met. In 10-bit
MODE, reading ADCRH prevents the ADC from transferring subsequent conversion results into the result
registers until ADCRL is read. If ADCRL is not read until after the next conversion is completed, then the
intermediate conversion result will be lost. In 8-bit mode there is no interlocking with ADCRL. In the case
that the MODE bits are changed, any data in ADCRH becomes invalid.
9.3.4
Data Result Low Register (ADCRL)
ADCRL contains the lower eight bits of the result of a 10-bit conversion, and all eight bits of an 8-bit
conversion. This register is updated each time a conversion completes except when automatic compare is
enabled and the compare condition is not met. In 10-bit mode, reading ADCRH prevents the ADC from
transferring subsequent conversion results into the result registers until ADCRL is read. If ADCRL is not
read until the after next conversion is completed, then the intermediate conversion results will be lost. In
8-bit mode, there is no interlocking with ADCRH. In the case that the MODE bits are changed, any data
in ADCRL becomes invalid.
5
ACFE
Compare Function Enable — ACFE is used to enable the compare function.
0 Compare function disabled
1 Compare function enabled
4
ACFGT
Compare Function Greater Than Enable — ACFGT is used to configure the compare function to trigger when
the result of the conversion of the input being monitored is greater than or equal to the compare value. The
compare function defaults to triggering when the result of the compare of the input being monitored is less than
the compare value.
0 Compare triggers when input is less than compare level
1 Compare triggers when input is greater than or equal to compare level
7
654
3
210
R
0
0
0
0
0
0
ADR9
ADR8
W
Reset:
0
0
0
0
0
0
0
0
= Unimplemented or Reserved
Figure 9-6. Data Result High Register (ADCRH)
Table 9-4. ADCSC2 Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com