Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 132Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 133Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 134Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 135Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 136Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 137Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 138Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 139Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 140Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 341 page
background image
Chapter 9 Analog-to-Digital Converter (S08ADC10V1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
132
Freescale Semiconductor
7654
3
210
R
ADLPC
ADIV
ADLSMP
MODE
ADICLK
W
Reset:
0
0
0
0
0
0
0
0
Figure 9-10. Configuration Register (ADCCFG
Table 9-5. ADCCFG Register Field Descriptions
Field
Description
7
ADLPC
Low Power Configuratio — ADLPC controls the speed and power configuration of the successive
approximation converter. This is used to optimize power consumption when higher sample rates are not required.
0 High speed configuration
1 Low power configuration: {FC31}The power is reduced at the expense of maximum clock speed.
6:5
ADIV
Clock Divide Select — ADIV select the divide ratio used by the ADC to generate the internal clock ADCK.
Table 9-6 shows the available clock configurations.
4
ADLSMP
Long Sample Time Configuratio — ADLSMP selects between long and short sample time. This adjusts the
sample period to allow higher impedance inputs to be accurately sampled or to maximize conversion speed for
lower impedance inputs. Longer sample times can also be used to lower overall power consumption when
continuous conversions are enabled if high conversion rates are not required.
0 Short sample time
1 Long sample time
3:2
MODE
Conversion Mode Selection — MODE bits are used to select between 10- or 8-bit operation. See Table 9-7.
1:0
ADICLK
Input Clock Select — ADICLK bits select the input clock source to generate the internal clock ADCK. See
Table 9-8.
Table 9-6. Clock Divide Select
ADIV
Divide Ratio
Clock Rate
00
1
Input clock
01
2
Input clock
÷ 2
10
4
Input clock
÷ 4
11
8
Input clock
÷ 8
Table 9-7. Conversion Modes
MODE
Mode Description
00
8-bit conversion (N=8)
01
Reserved
10
10-bit conversion (N=10)
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com