Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 137Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 138Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 139Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 140Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 141Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 142Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 143Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 144Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 341 page
background image
Chapter 9 Analog-to-Digital Converter (S08ADC10V1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
137
are too fast, then the clock must be divided to the appropriate frequency. This divider is specified by the
ADIV bits and can be divide-by 1, 2, 4, or 8.
9.4.2
Input Select and Pin Control
The pin control registers (APCTL3, APCTL2, and APCTL1) are used to disable the I/O port control of the
pins used as analog inputs.When a pin control register bit is set, the following conditions are forced for the
associated MCU pin:
•
The output buffer is forced to its high impedance state.
•
The input buffer is disabled. A read of the I/O port returns a zero for any pin with its input buffer
disabled.
•
The pullup is disabled.
9.4.3
Hardware Trigger
The ADC module has a selectable asynchronous hardware conversion trigger, ADHWT, that is enabled
when the ADTRG bit is set. This source is not available on all MCUs. Consult the module introduction for
information on the ADHWT source specific to this MCU.
When ADHWT source is available and hardware trigger is enabled (ADTRG=1), a conversion is initiated
on the rising edge of ADHWT. If a conversion is in progress when a rising edge occurs, the rising edge is
ignored. In continuous convert configuration, only the initial rising edge to launch continuous conversions
is observed. The hardware trigger function operates in conjunction with any of the conversion modes and
configurations.
9.4.4
Conversion Control
Conversions can be performed in either 10-bit mode or 8-bit mode as determined by the MODE bits.
Conversions can be initiated by either a software or hardware trigger. In addition, the ADC module can be
configured for low power operation, long sample time, continuous conversion, and automatic compare of
the conversion result to a software determined compare value.
9.4.4.1
Initiating Conversions
A conversion is initiated:
•
Following a write to ADCSC1 (with ADCH bits not all 1s) if software triggered operation is
selected.
•
Following a hardware trigger (ADHWT) event if hardware triggered operation is selected.
•
Following the transfer of the result to the data registers when continuous conversion is enabled.
If continuous conversions are enabled a new conversion is automatically initiated after the completion of
the current conversion. In software triggered operation, continuous conversions begin after ADCSC1 is
written and continue until aborted. In hardware triggered operation, continuous conversions begin after a
hardware trigger event and continue until aborted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com