Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 143 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 143 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 139Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 140Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 141Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 142Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 143Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 144Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 145Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 146Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 147Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 341 page
background image
Chapter 9 Analog-to-Digital Converter (S08ADC10V1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
139
result of the conversion is transferred to ADCRH and ADCRL upon completion of the conversion
algorithm.
If the bus frequency is less than the fADCK frequency, precise sample time for continuous conversions
cannot be guaranteed when short sample is enabled (ADLSMP=0). If the bus frequency is less than 1/11th
of the fADCK frequency, precise sample time for continuous conversions cannot be guaranteed when long
sample is enabled (ADLSMP=1).
The maximum total conversion time for different conditions is summarized in Table 9-12.
The maximum total conversion time is determined by the clock source chosen and the divide ratio selected.
The clock source is selectable by the ADICLK bits, and the divide ratio is specified by the ADIV bits. For
example, in 10-bit mode, with the bus clock selected as the input clock source, the input clock divide-by-1
ratio selected, and a bus frequency of 8 MHz, then the conversion time for a single conversion is:
NOTE
The ADCK frequency must be between fADCK minimum and fADCK
maximum to meet ADC specifications.
Table 9-12. Total Conversion Time vs. Control Conditions
Conversion Type
ADICLK
ADLSMP
Max Total Conversion Time
Single or first continuous 8-bit
0x, 10
0
20 ADCK cycles + 5 bus clock cycles
Single or first continuous 10-bit
0x, 10
0
23 ADCK cycles + 5 bus clock cycles
Single or first continuous 8-bit
0x, 10
1
40 ADCK cycles + 5 bus clock cycles
Single or first continuous 10-bit
0x, 10
1
43 ADCK cycles + 5 bus clock cycles
Single or first continuous 8-bit
11
0
5
μs + 20 ADCK + 5 bus clock cycles
Single or first continuous 10-bit
11
0
5
μs + 23 ADCK + 5 bus clock cycles
Single or first continuous 8-bit
11
1
5
μs + 40 ADCK + 5 bus clock cycles
Single or first continuous 10-bit
11
1
5
μs + 43 ADCK + 5 bus clock cycles
Subsequent continuous 8-bit;
fBUS > fADCK
xx
0
17 ADCK cycles
Subsequent continuous 10-bit;
fBUS > fADCK
xx
0
20 ADCK cycles
Subsequent continuous 8-bit;
fBUS > fADCK/11
xx
1
37 ADCK cycles
Subsequent continuous 10-bit;
fBUS > fADCK/11
xx
1
40 ADCK cycles
23 ADCK cyc
Conversion time =
8 MHz/1
Number of bus cycles = 3.5
μs x 8 MHz = 28 cycles
5 bus cyc
8 MHz
+
= 3.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com