Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 146 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 146 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 142Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 143Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 144Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 145Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 146Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 147Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 148Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 149Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 150Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 341 page
background image
Chapter 9 Analog-to-Digital Converter (S08ADC10V1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
142
Freescale Semiconductor
2. Update status and control register 2 (ADCSC2) to select the conversion trigger (hardware or
software) and compare function options, if enabled.
3. Update status and control register 1 (ADCSC1) to select whether conversions will be continuous
or completed only once, and to enable or disable conversion complete interrupts. The input channel
on which conversions will be performed is also selected here.
9.5.1.2
Pseudo — Code Example
In this example, the ADC module will be set up with interrupts enabled to perform a single 10-bit
conversion at low power with a long sample time on input channel 1, where the internal ADCK clock will
be derived from the bus clock divided by 1.
ADCCFG = 0x98 (%10011000)
Bit 7
ADLPC
1
Configures for low power (lowers maximum clock speed)
Bit 6:5 ADIV
00
Sets the ADCK to the input clock
÷ 1
Bit 4
ADLSMP
1
Configures for long sample time
Bit 3:2 MODE
10
Sets mode at 10-bit conversions
Bit 1:0 ADICLK
00
Selects bus clock as input clock source
ADCSC2 = 0x00 (%00000000)
Bit 7
ADACT
0
Flag indicates if a conversion is in progress
Bit 6
ADTRG
0
Software trigger selected
Bit 5
ACFE
0
Compare function disabled
Bit 4
ACFGT
0
Not used in this example
Bit 3:2
00
Unimplemented or reserved, always reads zero
Bit 1:0
00
Reserved for Freescale’s internal use; always write zero
ADCSC1 = 0x41 (%01000001)
Bit 7
COCO
0
Read-only flag which is set when a conversion completes
Bit 6
AIEN
1
Conversion complete interrupt enabled
Bit 5
ADCO
0
One conversion only (continuous conversions disabled)
Bit 4:0 ADCH
00001 Input channel 1 selected as ADC input channel
ADCRH/L = 0xxx
Holds results of conversion. Read high byte (ADCRH) before low byte (ADCRL) so that conversion
data cannot be overwritten with data from the next conversion.
ADCCVH/L = 0xxx
Holds compare value when compare function enabled
APCTL1=0x02
AD1 pin I/O control disabled. All other AD pins remain general purpose I/O pins
APCTL2=0x00
All other AD pins remain general purpose I/O pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com