Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 167 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 167 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 163Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 164Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 165Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 166Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 167Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 168Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 169Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 170Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 171Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 341 page
background image
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
163
Chapter 11
Inter-Integrated Circuit (S08IICV2)
11.1 Introduction
The inter-integrated circuit (IIC) provides a method of communication between a number of devices. The
interface is designed to operate up to 100 kbps with maximum bus loading and timing. The device is
capable of operating at higher baud rates, up to a maximum of clock/20, with reduced bus loading. The
maximum communication length and the number of devices that can be connected are limited by a
maximum bus capacitance of 400 pF.
NOTE
The SDA and SCL should not be driven above VDD. These pins are psuedo
open-drain containing a protection diode to VDD.
11.1.1
Module Configuratio
The IIC module pins, SDA and SCL can be repositioned under software control using IICPS in SOPT1 as
as shown in Table 11-1. IICPS in SOPT1 selects which general-purpose I/O ports are associated with IIC
operation.
Figure 11-1 shows the MC9S08SH8 block diagram with the IIC module highlighted.
Table 11-1. IIC Position Options
IICPS in SOPT1
Port Pin for SDA
Port Pin for SCL
0 (default)
PTA2
PTA3
1
PTB6
PTB7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com