Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 171 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 171 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 167Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 168Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 169Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 170Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 171Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 172Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 173Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 174Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 175Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 341 page
background image
Chapter 11 Inter-Integrated Circuit (S08IICV2)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
167
Refer to the direct-page register summary in the memory chapter of this document for the absolute address
assignments for all IIC registers. This section refers to registers and control bits only by their names. A
Freescale-provided equate or header file is used to translate these names into the appropriate absolute
addresses.
11.3.1
IIC Address Register (IICA)
11.3.2
IIC Frequency Divider Register (IICF)
76543210
R
AD7
AD6
AD5
AD4
AD3
AD2
AD1
0
W
Reset
00000000
= Unimplemented or Reserved
Figure 11-3. IIC Address Register (IICA)
Table 11-2. IICA Field Descriptions
Field
Description
7–1
AD[7:1]
Slave Address. The AD[7:1] field contains the slave address to be used by the IIC module. This field is used on
the 7-bit address scheme and the lower seven bits of the 10-bit address scheme.
76543210
R
MULT
ICR
W
Reset
00000000
Figure 11-4. IIC Frequency Divider Register (IICF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com