Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 172 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 172 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 168Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 169Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 170Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 171Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 172Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 173Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 174Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 175Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 176Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 341 page
background image
Chapter 11 Inter-Integrated Circuit (S08IICV2)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
168
Freescale Semiconductor
For example, if the bus speed is 8 MHz, the table below shows the possible hold time values with different
ICR and MULT selections to achieve an IIC baud rate of 100kbps.
Table 11-3. IICF Field Descriptions
Field
Description
7–6
MULT
IIC Multiplier Factor. The MULT bits define the multiplier factor, mul. This factor, along with the SCL divider,
generates the IIC baud rate. The multiplier factor mul as defined by the MULT bits is provided below.
00 mul = 01
01 mul = 02
10 mul = 04
11 Reserved
5–0
ICR
IIC Clock Rate. The ICR bits are used to prescale the bus clock for bit rate selection. These bits and the MULT
bits determine the IIC baud rate, the SDA hold time, the SCL Start hold time, and the SCL Stop hold time.
Table 11-5 provides the SCL divider and hold values for corresponding values of the ICR.
The SCL divider multiplied by multiplier factor mul generates IIC baud rate.
Eqn. 11-1
SDA hold time is the delay from the falling edge of SCL (IIC clock) to the changing of SDA (IIC data).
SDA hold time = bus period (s)
× mul × SDA hold value
Eqn. 11-2
SCL start hold time is the delay from the falling edge of SDA (IIC data) while SCL is high (Start condition) to the
falling edge of SCL (IIC clock).
SCL Start hold time = bus period (s)
× mul × SCL Start hold value
Eqn. 11-3
SCL stop hold time is the delay from the rising edge of SCL (IIC clock) to the rising edge of SDA
SDA (IIC data) while SCL is high (Stop condition).
SCL Stop hold time = bus period (s)
× mul × SCL Stop hold value
Eqn. 11-4
Table 11-4. Hold Time Values for 8 MHz Bus Speed
MULT
ICR
Hold Times (μs)
SDA
SCL Start
SCL Stop
0x2
0x00
3.500
3.000
5.500
0x1
0x07
2.500
4.000
5.250
0x1
0x0B
2.250
4.000
5.250
0x0
0x14
2.125
4.250
5.125
0x0
0x18
1.125
4.750
5.125
IIC baud rate
bus speed (Hz)
mul
SCLdivider
×
---------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com