Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 146 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 146 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 142Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 143Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 144Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 145Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 146Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 147Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 148Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 149Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 150Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 221 page
background image
Notice
1. Operating Temperature
1. The operating temperature limit depends on the
capacitor.
1-1. Do not apply temperatures exceeding the upper
operating temperature.
It is necessary to select a capacitor with a suitable
rated temperature that will cover the operating
temperature range.
Also it is necessary to consider the temperature
distribution in equipment and the seasonal
temperature variable factor.
1-2. Consider the self-heating of the capacitor.
The surface temperature of the capacitor shall be
the upper operating temperature or less when
including the self-heating factors.
2. Atmosphere Surroundings (gaseous and liquid)
1. Restriction on the operating environment of capacitors.
1-1. Capacitors, when used in the above, unsuitable,
operating environments may deteriorate due to
the corrosion of the terminations and the
penetration of moisture into the capacitor.
1-2. The same phenomenon as the above may occur
when the electrodes or terminals of the capacitor
are subject to moisture condensation.
1-3. The deterioration of characteristics and insulation
resistance due to the oxidization or corrosion of
terminal electrodes may result in breakdown when
the capacitor is exposed to corrosive or volatile
gases or solvents for long periods of time.
3. Piezo-electric Phenomenon
1. When using high dielectric constant type capacitors in
AC or pulse circuits, the capacitor itself vibrates at
specific frequencies and noise may be generated.
Moreover, when the mechanical vibration or shock is
added to the capacitor, noise may occur.
s Rating
Notice
144
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com