Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 142 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 142 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 138Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 139Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 140Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 141Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 142Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 143Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 144Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 145Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 146Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 221 page
background image
!Caution
Solder Amount
in section
4-3. Correction with a Soldering Iron
1. When sudden heat is applied to the components when
using a soldering iron, the mechanical strength of the
components will decrease because the extreme
temperature change can cause deformations inside the
components. In order to prevent mechanical damage to
the components, preheating is required for both the
components and the PCB board. Preheating conditions,
(The "Temperature of the Soldering Iron Tip", "Preheating
Temperature," "Temperature Differential" between the
iron tip and the components and the PCB), should be
within the conditions of table 3. It is required to keep the
temperature differential between the soldering iron and
the component surfaces (
∆T) as small as possible.
2. After soldering, do not allow the component/PCB to
rapidly cool down.
3. The operating time for the re-working should be as short
as possible. When re-working time is too long, it may
cause solder leaching, in turn causing a reduction in the
adhesive strength of the terminations.
4. Optimum Solder amount when re-working with a
Soldering lron
4-1. For sizes smaller than 0603, (GRM03/15/18,
GJM03/15, GQM18), the top of the solder fillet
should be lower than 2/3's of the thickness of the
component or 0.5mm whichever is smaller. For 0805
and larger sizes, (GRM21/31/32/43/55, GQM21/22),
the top of the solder fillet should be lower than 2/3's
of the thickness of the component. If the solder
amount is excessive, the risk of cracking is higher
during board bending or under any other stressful
condition.
4-2. A soldering iron with a tip of ø3mm or smaller should
be used. It is also necessary to keep the soldering
iron from touching the components during the
re-work.
4-3. Solder wire with ø0.5mm or smaller is required for
soldering.
GRM03/15/18/21/31
GJM03/15
GQM18/21
GRM32/43/55
GQM22
∆TV190°C
∆TV130°C
Part Number
Temperature
Differential
(
∆T)
Table 3
Continued from the preceding page.
4-4. Leaded Component Insertion
1. If the PCB is flexed when leaded components (such as
transformers and ICs) are being mounted, chips may
crack and solder joints may break.
Before mounting leaded components, support the PCB
using backup pins or special jigs to prevent warping.
5. Washing
Excessive ultrasonic oscillation during cleaning can cause
the PCBs to resonate, resulting in cracked chips or broken
solder joints. Take note not to vibrate PCBs.
Air
Air
Atmosphere
350
°C max.
280
°C max.
Temperature
of Soldering
Iron Tip
150
°C min.
150
°C min.
Preheating
Temperature
*Applicable for both Pb-Sn and Lead Free Solder.
Pb-Sn Solder: Sn-37Pb
Lead Free Solder: Sn-3.0Ag-0.5Cu
Continued on the following page.
!Caution
140
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com