Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 139 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 139 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 135Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 136Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 137Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 138Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 139Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 140Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 141Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 142Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 143Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 221 page
background image
!Caution
s Soldering and Mounting
1. Confirm the best mounting position and direction that
minimizes the stress imposed on the capacitor during
flexing or bending the printed circuit board.
1-1. Choose a mounting position that minimizes the
stress imposed on the chip during flexing or bending
of the board.
1. Mounting Position
Locate chip
horizontal to the
direction in
which stress
acts.
Chip arrangement
Worst A-C-(B~D) Best
[Component Direction]
[Chip Mounting Close to Board Separation Point]
A
B
D
C
Perforation
Slit
2. Information before Mounting
1. Do not reuse capacitors that were removed from the
equipment.
2. Confirm capacitance characteristics under actual applied
voltage.
3. Confirm the mechanical stress under actual process and
equipment use.
4. Confirm the rated capacitance, rated voltage and other
electrical characteristics before assembly.
5. Prior to use, confirm the solderability of capacitors that
were in long-term storage.
6. Prior to measuring capacitance, carry out a heat
treatment for capacitors that were in long-term storage.
7. The use of Sn-Zn based solder will deteriorate the
reliability of the MLCC.
Please contact our sales representative or product
engineers on the use of Sn-Zn based solder in advance.
Continued on the following page.
3. Maintenance of the Mounting (pick and place) Machine
1. Make sure that the following excessive forces are not
applied to the capacitors.
1-1. In mounting the capacitors on the printed circuit
board, any bending force against them shall be kept
to a minimum to prevent them from any bending
damage or cracking. Please take into account the
following precautions and recommendations for use
in your process.
(1) Adjust the lowest position of the pickup nozzle so
as not to bend the printed circuit board.
(2) Adjust the nozzle pressure within a static load of
1N to 3N during mounting.
2. Dirt particles and dust accumulated between the suction
nozzle and the cylinder inner wall prevent the nozzle from
moving smoothly. This imposes greater force upon the
chip during mounting, causing cracked chips. Also the
locating claw, when worn out, imposes uneven forces on
the chip when positioning, causing cracked chips. The
suction nozzle and the locating claw must be maintained,
checked and replaced periodically.
Board Guide
[Correct]
Suction Nozzle
Board
Support Pin
[Incorrect]
Deflection
!Caution
137
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com