Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 137 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 137 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 133Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 134Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 135Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 136Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 137Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 138Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 139Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 140Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 141Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 221 page
background image
!Caution
5. DC Voltage and AC Voltage Characteristics
1. The capacitance value of a high dielectric constant type
capacitor changes depending on the DC voltage applied.
Please consider the DC voltage characteristics when a
capacitor is selected for use in a DC circuit.
1-1. The capacitance of ceramic capacitors may change
sharply depending on the applied voltage (see
figure).
Please confirm the following in order to secure the
capacitance.
(1) Whether the capacitance change caused by the
applied voltage is within the range allowed or not.
(2) In the DC voltage characteristics, the rate of
capacitance change becomes larger as voltage
increases, even if the applied voltage is below
the rated voltage. When a high dielectric constant
type capacitor is in a circuit that needs a tight
(narrow) capacitance tolerance (e. g., a time
constant circuit), please carefully consider the
characteristics of these capacitors, such as their
aging, voltage, and temperature characteristics.
In addition, check capacitors using your actual
appliances at the intended environment and
operating conditions.
2. The capacitance values of high dielectric constant type
capacitors change depending on the AC voltage applied.
Please consider the AC voltage characteristics when
selecting a capacitor to be used in an AC circuit.
Continued on the following page.
Continued from the preceding page.
-60
-50
-40
-30
-20
-10
0
10
20
30
0.0
0.5
1.0
1.5
2.0
2.5
AC Voltage (Vr.m.s.)
6. Capacitance Aging
1. The high dielectric constant type capacitors have the
characteristic in which the capacitance value decreases
with passage of time.
When you use a high dielectric constant type capacitors
in a circuit that needs a tight (narrow) capacitance
tolerance (e. g., a time constant circuit), please carefully
consider the characteristics of these capacitors, such as
their aging, voltage, and temperature characteristics. In
addition, check capacitors using your actual appliances at
the intended environment and operating conditions.
-100
-80
-60
-40
-20
0
20
01
2345
67
DC Voltage (VDC)
[DC Voltage Characteristics]
[AC Voltage Characteristics]
-40
-30
-20
-10
0
10
20
10
100
1000
10000
5C
R
∆
Time (Hr)
!Caution
135
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com